Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR680N85 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DCR680N85
Description  Phase Control Thyristor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR680N85 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DCR680N85 Datasheet HTML 1Page - Dynex Semiconductor DCR680N85 Datasheet HTML 2Page - Dynex Semiconductor DCR680N85 Datasheet HTML 3Page - Dynex Semiconductor DCR680N85 Datasheet HTML 4Page - Dynex Semiconductor DCR680N85 Datasheet HTML 5Page - Dynex Semiconductor DCR680N85 Datasheet HTML 6Page - Dynex Semiconductor DCR680N85 Datasheet HTML 7Page - Dynex Semiconductor DCR680N85 Datasheet HTML 8Page - Dynex Semiconductor DCR680N85 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DCR680N85
Phase Control Thyristor
Preliminary Information
DS5935-1.0 September 2008 (LN 26350)
1/11
www.dynexsemi.com
FEATURES
Double Side Cooling
High Surge Capability
APPLICATIONS
Medium Voltage Soft Starts
High Voltage Power Supplies
Static Switches
VOLTAGE RATINGS
Part and
Ordering
Number
Repetitive Peak
Voltages
VDRM and VRRM
V
Conditions
DCR680N85*
DCR680N80
DCR680N75
DCR680N70
8500
8000
7500
7000
Tvj = -40°C to 125°C,
IDRM = IRRM = 200mA,
VDRM, VRRM tp = 10ms,
VDSM & VRSM =
VDRM & VRRM + 100V
respectively
Lower voltage grades available.
8200V @ -40
0 C, 8500V @ 00 C
ORDERING INFORMATION
When ordering, select the required part number
shown in the Voltage Ratings selection table.
For example:
DCR680N85
Note: Please use the complete part number when ordering
and quote this number in any future correspondence
relating to your order.
KEY PARAMETERS
VDRM
8500V
IT(AV)
677A
ITSM
9800A
dV/dt*
1500V/µs
dI/dt
200A/µs
* Higher dV/dt selections available
Outline type code: N
(See Package Details for further information)
Fig. 1 Package outline


Similar Part No. - DCR680N85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR680N85 DYNEX-DCR680N85 Datasheet
613Kb / 11P
   Phase Control Thyristor
DCR680N85 DYNEX-DCR680N85_15 Datasheet
613Kb / 11P
   Phase Control Thyristor
More results

Similar Description - DCR680N85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com