Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR72BDTE2L0J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LR72BDTE2L0J
Description  metal plate current sense resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR72BDTE2L0J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LR72BDTE2L0J Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR72BDTE2L0J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
57
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/12
LR72A, B, C
metal plate current sense resistors
Standard
Resistance**
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating*
T.C.R.
(ppm/°C)
Max.
applications and ratings
LR72A
LR72B
LR72C
1/2W
1/4W
1W
±100
±350
2mΩ ~ 8mΩ
2mΩ, 3mΩ
3mΩ ~ 5mΩ
+70°C
+85°C
-40°C to +180°C
Resistance
Tolerance
J: ±5%
Derating Curve
environmental applications
100
80
60
40
20
-40
0
4080120
Ambient Temperature
(°C)
0
70
160
180
200
155
85
LR72C
LR72A, 72B
Performance Characteristics
-40°C to +155°C
Parameter
Requirement ∆ R ±%
Limit
Typical
Test Method
Resistance
25°C
Within specified
tolerance
––
T.C.R.
Room temp. +100°C UP
Within specified
T.C.R.
––
Resistance to
Soldering Heat
350°C ± 10°C, 3 seconds
±2.0%
±1.6%
Moisture Resistance
Power rating x 1/10, 40°C, 90% - 95% RH, 1000 hours,
1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±4.5%
Endurance at 70°C
Rated voltage 70°C, 1000 hours
1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±4.5%
* Rated power in case of glass epoxy resin (FR-4) is used for the substrate material
** Please contact factory for custom made resistance values
For resistors operated at an ambient temperature of 70°C
or above, a power rating shall be derated in accordance
with the above derating curve.


Similar Part No. - LR72BDTE2L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LR72BDTE2L0J KOA-LR72BDTE2L0J Datasheet
95Kb / 4P
   Surface Mount Custom Milli-Ohm Resistor
LR72BDTE2L0J KOA-LR72BDTE2L0J Datasheet
93Kb / 2P
   metal plate current sense resistors
More results

Similar Description - LR72BDTE2L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
   metal plate current sense resistors
LR72A KOA-LR72A Datasheet
222Kb / 2P
   metal plate current sense resistors
logo
Vishay Siliconix
WFP VISHAY-WFP Datasheet
106Kb / 4P
   Power Metal Plate??Current Sense Resistors
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
   Metal Plate Current Sensing Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com