Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT16CT26A102J1000 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LT16CT26A102J1000
Description  linear positive miniature tempco thermistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LT16CT26A102J1000 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LT16CT26A102J1000 Datasheet HTML 1Page - KOA Speer Electronics, Inc. LT16CT26A102J1000 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
188
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
features
High stability and excellent linearity
Miniature size
Marking: Light-gray body color with color-coded bands
Products with lead-free terminations
meet EU RoHS requirements
LT
linear positive miniature tempco thermistor
dimensions and construction
Ceramic Core
d
D
Marking
Resistive
Film
Insulation Coating
Trimming Line
End
Cap
Lead
Wire
L
l
C
L (ref.)
LT1/6
.126±.012
(3.2±0.3)
.146
(3.7)
.067±.008
(1.7±0.2)
.018±.002
(0.45±0.05) 1.18±.118
(30.0±3.0)
.024±.002
(0.6±0.05)
.091±.012
(2.3±0.3)
.280
(7.1)
.248±.008
(6.3±0.5)
LT1/4
Type
C (max.)
Dd
l
Dimensions inches
(mm)
For further information on packaging, please refer to Appendix C.
ordering information
LT
Type
New Part #
1/4
1/6
1/6
Power
Rating
C: SnCu
C
Termination
Material
T26, T52
T26
Taping and
Forming
A: Ammo
R: Reel
A
Packaging
2 significant
figures + 1
multiplier
“R” indicates
decimal on
value <10Ω
102
Nominal
Resistance
J: ±5%
J
Tolerance
1000 -
4,500
3600
T.C.R.
(ppm/˚C)
Resistance
Range
E-24
(LT1/4S)
T.C.R.
(ppm/°C)*
Rated
Ambient
Temperature
Operating
Temperature
Range
T.C.R.
Tolerance
Resistance
Range
E-24
(LT1/6S)
applications and ratings
Resistance
Tolerance
-40°C
to
+125°C
+70°C
1000
1200
1400
100Ω - 20KΩ
100Ω - 39KΩ
J: ±5%
±15%
±10%
* T.C.R. measuring temperature: +25°C to +75°C
EU
2000
100Ω - 9.1KΩ
100Ω - 15KΩ
3600
3900
4200
4500
100Ω - 5.1KΩ
100Ω - 6.8KΩ
100Ω - 3.3KΩ
100Ω - 6.2KΩ
100Ω - 750Ω
100Ω - 1KΩ
100Ω - 240Ω
100Ω - 510Ω


Similar Part No. - LT16CT26A102J1000

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT160Z SEOUL-LT160Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LT161 SEOUL-LT161 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LT161 SEOUL-LT161 Datasheet
360Kb / 13P
   CYAN LAMP LED
LT161 SEOUL-LT161 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT161 SEOUL-LT161 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LT16CT26A102J1000

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
LA731JT KOA-LA731JT Datasheet
112Kb / 4P
   Thick Film Linear Positive Tempco Thermistor
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
   Negative Tempco Thermistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com