Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT14CT26R102J1000 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LT14CT26R102J1000
Description  linear positive miniature tempco thermistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LT14CT26R102J1000 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LT14CT26R102J1000 Datasheet HTML 1Page - KOA Speer Electronics, Inc. LT14CT26R102J1000 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LT
linear positive miniature tempco thermistor
Performance Characteristics
Derating Curve
environmental applications
100
80
60
40
20
-20
0
20406080100120140
125
70
Ambient Temperature
(°C)
0
-40
Temperature Characteristics of Resistance
50
40
10
0
-50
-25
0
5075100125
Ambient Temperature
(°C)
-30
-75
4500
30
20
-10
-20
3600
2000
1000
25
TCR (X10-6/K)
Approximate Expression for Resistance-Temperature Characteristics
C1
C2
3600
4.0000 x 10-6
0.9175
C0
T.C.R.
(x10-6/K)
0.0032
(Values are not guaranteed but typical)
RT=R25 (C0+C1T+C2T2)
RT: Resistance value at T°C
R25: Resistance value at 25°C
T: Ambient temperature (°C)
C0, C1, C2: Constants
4200
4500
0.9026
0.0038
3.9964 x 10-6
4.0064 x 10-6
0.8948
0.0041
3900
4.0064 x 10-6
0.9099
0.0035
189
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/29/08
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance
25°C
Within specified
tolerance
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±1%
±0.75%
Resistance to Solder Heat
260°C ±5°C, 10 seconds ± 1 second
±1%
±0.75%
Rapid Change of Temperature
-40°C (30 minutes), +125°C (30 minutes), 5 cycles
±1%
±0.75%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3%
±2%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3%
±2%


Similar Part No. - LT14CT26R102J1000

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT140 SHARP-LT140 Datasheet
23Kb / 2P
   Hall Voltage 160mV Thin-Type Package GaAs Hall Device
LT140 SHARP-LT140 Datasheet
22Kb / 2P
   Hall Voltage 160mV Thin-Type Package GaAs Hall Device
LT140A SHARP-LT140A Datasheet
23Kb / 2P
   Hall Voltage 160mV Thin-Type Package GaAs Hall Device
LT140SA SHARP-LT140SA Datasheet
22Kb / 2P
   Hall Voltage 160mV Thin-Type Package GaAs Hall Device
logo
Seoul Semiconductor
LT140Z SEOUL-LT140Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LT14CT26R102J1000

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
LA731JT KOA-LA731JT Datasheet
112Kb / 4P
   Thick Film Linear Positive Tempco Thermistor
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
   Negative Tempco Thermistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com