Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4302 Datasheet(PDF) 3 Page - EPCOS

Part # B4302
Description  Low-loss RF filter for mobile telephone
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4302 Datasheet(HTML) 3 Page - EPCOS

  B4302 Datasheet HTML 1Page - EPCOS B4302 Datasheet HTML 2Page - EPCOS B4302 Datasheet HTML 3Page - EPCOS B4302 Datasheet HTML 4Page - EPCOS B4302 Datasheet HTML 5Page - EPCOS B4302 Datasheet HTML 6Page - EPCOS B4302 Datasheet HTML 7Page - EPCOS B4302 Datasheet HTML 8Page - EPCOS B4302 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
February 01, 2012
B4302
2140.0 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 150 Ω || 18 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2140.0
MHz
Maximum insertion attenuation
α
max
2110.0
... 2170.0
MHz
1.9
2.5
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
0.7
1.4
dB
VSWR
Input
2110.0
... 2170.0
MHz
2.0
2.4
Output
2110.0
... 2170.0
MHz
2.0
2.4
CMRR (|S21-S31| / |S21+S31|)
2110.0
... 2170.0
MHz
171)
1) A CMRR of 19.6 dB corresponds to a phase imbalance of +/-10˚ together with an amplitude imbalance of
+/- 1.0 dB.
22
Attenuation
α
10.0
... 1920.0
MHz
35
41
dB
1920.0
... 1980.0
MHz
44
49
dB
1980.0
... 2025.0
MHz
30
34
dB
2025.0
... 2050.0
MHz
18
32
dB
2230.0
... 2300.0
MHz
18
25
dB
2300.0
... 2360.0
MHz
22
28
dB
2360.0
... 4220.0
MHz
28
33
dB
4220.0
... 4340.0
MHz
35
54
dB
4340.0
... 6000.0
MHz
30
46
dB


Similar Part No. - B4302

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B430 EDAL-B430 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-10-1 EDAL-B430-10-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-100-1 EDAL-B430-100-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-120-1 EDAL-B430-120-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-20-1 EDAL-B430-20-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
More results

Similar Description - B4302

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
   Low-loss RF filter for mobile telephone
B4303 EPCOS-B4303 Datasheet
116Kb / 10P
   Low-loss RF filter for mobile telephone
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
   Low-loss RF filter for mobile telephone
logo
Transko Electronics, In...
TF-9027-ND TRANSKO-TF-9027-ND Datasheet
413Kb / 3P
   Low-loss RF SAW filter for mobile telephone PCN system
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Transko Electronics, In...
TFB115AC-SH TRANSKO-TFB115AC-SH Datasheet
347Kb / 3P
   Low-loss RF filter for mobile telephone Cellular / WCDMA Band V systems.
Revision 0: July 2018
TF-9264-ND TRANSKO-TF-9264-ND Datasheet
440Kb / 4P
   Low-loss RF filter for mobile systems
TF-9286-ND TRANSKO-TF-9286-ND Datasheet
446Kb / 4P
   Low-loss RF filter for mobile systems
TF-9117-ND TRANSKO-TF-9117-ND Datasheet
490Kb / 4P
   Low-loss RF filter for mobile systems
TF-5032-ND TRANSKO-TF-5032-ND Datasheet
443Kb / 4P
   Low-loss RF SAW filter for mobile systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com