Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4302 Datasheet(PDF) 5 Page - EPCOS

Part # B4302
Description  Low-loss RF filter for mobile telephone
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4302 Datasheet(HTML) 5 Page - EPCOS

  B4302 Datasheet HTML 1Page - EPCOS B4302 Datasheet HTML 2Page - EPCOS B4302 Datasheet HTML 3Page - EPCOS B4302 Datasheet HTML 4Page - EPCOS B4302 Datasheet HTML 5Page - EPCOS B4302 Datasheet HTML 6Page - EPCOS B4302 Datasheet HTML 7Page - EPCOS B4302 Datasheet HTML 8Page - EPCOS B4302 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
February 01, 2012
B4302
2140.0 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Source Power
Ps
10
dBm


Similar Part No. - B4302

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B430 EDAL-B430 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-10-1 EDAL-B430-10-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-100-1 EDAL-B430-100-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-120-1 EDAL-B430-120-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
B430-20-1 EDAL-B430-20-1 Datasheet
80Kb / 1P
   Silicon Bridge Rectifier
More results

Similar Description - B4302

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
   Low-loss RF filter for mobile telephone
B4303 EPCOS-B4303 Datasheet
116Kb / 10P
   Low-loss RF filter for mobile telephone
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
   Low-loss RF filter for mobile telephone
logo
Transko Electronics, In...
TF-9027-ND TRANSKO-TF-9027-ND Datasheet
413Kb / 3P
   Low-loss RF SAW filter for mobile telephone PCN system
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Transko Electronics, In...
TFB115AC-SH TRANSKO-TFB115AC-SH Datasheet
347Kb / 3P
   Low-loss RF filter for mobile telephone Cellular / WCDMA Band V systems.
Revision 0: July 2018
TF-9264-ND TRANSKO-TF-9264-ND Datasheet
440Kb / 4P
   Low-loss RF filter for mobile systems
TF-9286-ND TRANSKO-TF-9286-ND Datasheet
446Kb / 4P
   Low-loss RF filter for mobile systems
TF-9117-ND TRANSKO-TF-9117-ND Datasheet
490Kb / 4P
   Low-loss RF filter for mobile systems
TF-5032-ND TRANSKO-TF-5032-ND Datasheet
443Kb / 4P
   Low-loss RF SAW filter for mobile systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com