Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4308 Datasheet(PDF) 7 Page - EPCOS

Part # B4308
Description  Unbalanced to balanced operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4308 Datasheet(HTML) 7 Page - EPCOS

  B4308 Datasheet HTML 1Page - EPCOS B4308 Datasheet HTML 2Page - EPCOS B4308 Datasheet HTML 3Page - EPCOS B4308 Datasheet HTML 4Page - EPCOS B4308 Datasheet HTML 5Page - EPCOS B4308 Datasheet HTML 6Page - EPCOS B4308 Datasheet HTML 7Page - EPCOS B4308 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
September 27, 2011
B4308
1575.42 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B4308
Ordering code
B39162B4308P810
Marking and package
C61157-A8-A9
Packaging
F61074-V8212-Z000
Date codes
L_1126
S-parameters
B4308_NB.s3p, B4308_WB.s3p
See file header for port/pin assignment table
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
Moldability
Before using in overmolding environment, please contact your
EPCOS sales office.
Matching coils
See Inductor pdf-catalog
http://www.tdk.co.jp/tefe02/coil.htm#aname1
and Data Library for circuit simulation
http://www.tdk.co.jp/etvcl/index.htm
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Systems, Acoustics, Waves Business Group
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2011. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B4308

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081 EPCOS-B43081 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43081A1107M000 EPCOS-B43081A1107M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43081A1107M000 EPCOS-B43081A1107M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43081A1107M001 EPCOS-B43081A1107M001 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43081A1107M006 EPCOS-B43081A1107M006 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results

Similar Description - B4308

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3787 EPCOS-B3787 Datasheet
95Kb / 10P
   Balanced and unbalanced operation possible
logo
Marki Microwave
BAL-0212 MARKIMICROWAVE-BAL-0212 Datasheet
496Kb / 6P
   2.6 to 12 GHz Balun (Balanced to Unbalanced Transformer)
BAL-0106 MARKIMICROWAVE-BAL-0106 Datasheet
496Kb / 6P
   1.2 to 6 GHz Balun (Balanced to Unbalanced Transformer)
BAL-0520 MARKIMICROWAVE-BAL-0520 Datasheet
531Kb / 6P
   5 to 20 GHz Balun (Balanced to Unbalanced Transformer)
logo
Panasonic Semiconductor
EHFFD1750A PANASONIC-EHFFD1750A Datasheet
85Kb / 1P
   Ultra miniaturized, thin type(1.6x0.8x t0.55) Balanced / Unbalanced Converter
logo
Pulse A Technitrol Comp...
BZ-H175S PULSE-BZ-H175S Datasheet
408Kb / 2P
   Matches balanced 100廓 twisted pair cable to 75廓 unbalanced coaxial cable
logo
RF Micro Devices
RFXF0009 RFMD-RFXF0009 Datasheet
296Kb / 4P
   45MHz to 1200MHz Operation
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
   45MHz to 1200MHz Operation
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
   300MHz to 6000MHz Operation
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
   45MHz to 1200MHz Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com