Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MO1CT52A473G Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MO1CT52A473G
Description  metal oxide power type leaded resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MO1CT52A473G Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MO1CT52A473G Datasheet HTML 1Page - KOA Speer Electronics, Inc. MO1CT52A473G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For further information
on packaging, please
refer to Appendix C.
MO
metal oxide power type leaded resistor
features
Flameproof silicone coating equivalent to (UL94V0)
Suitable for automatic machine insertion
High reliability for performance
Marking: Blue-gray body color with color-coded bands
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
Axial: T52, T521, T631
Stand-off Axial: L52, L521,
L631, L, U, M Forming
(MO3/MOX3 bulk
packaging only)
ordering information
2 significant
figures + 1
multiplier
“R” indicates
decimal on
value <10Ω
1/2: 0.5W
1: 1W
2: 2W
3: 3W
C: SnCu
MO
MOX
G: ±2%
J: ±5%
MO
1
C
Termination
Material
Type
Power
Rating
Nominal
Resistance
Tolerance
Taping and Forming
New Part #
T52
473
A: Ammo
R: Reel
Packaging
A
J
dimensions and construction
d
D
Marking
Flame Retardant Coating
End
Cap
Lead
Wire
L
l
C
Ceramic Body
L
MO1/2
MOX1/2
.354±.039
(9.0±1.0)
.437
(11.1)
.126±.02
(3.2±0.5)
.028
(0.7)
.945 Min.
(24.0 Min.)
1.18±.118
(30.0±3.0)
1.50±.118
(38.0±3.0)
.031
(0.8)
.157±.02
(4.0±0.5)
.236±.039
(6.0±1.0)
.354±.039
(9.0±1.0)
.59
(15.0)
.709
(18.0)
1.10
(28.0)
.472±.039
(12.0±1.0)
.610±.039
(15.5±1.0)
.965±.039
(24.5±1.0)
MO1
MOX1
MO2
MOX2
MO3
MOX3
Type
C (max.)
D
d (nom.)
l*
Dimensions inches
(mm)
EU
135
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/12/09
* Lead length changes depending on taping and forming type.


Similar Part No. - MO1CT52A473G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MO1CT52A473G KOA-MO1CT52A473G Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
More results

Similar Description - MO1CT52A473G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS12CT52A103J KOA-MOS12CT52A103J Datasheet
264Kb / 2P
   reduced size metal oxide power type leaded resistor
MOS5C122J KOA-MOS5C122J Datasheet
293Kb / 3P
   reduced size metal oxide power type leaded resistor
logo
Vishay Siliconix
WK202070C1001FD500 VISHAY-WK202070C1001FD500 Datasheet
130Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 26-May-10
logo
NIC-Components Corp.
NVR NIC-NVR Datasheet
1Mb / 18P
   Leaded Metal Oxide Varistors
logo
Vishay Siliconix
WK VISHAY-WK_15 Datasheet
124Kb / 5P
   High Power Metal Oxide Leaded Resistors
Revision: 29-Oct-14
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
   Commercial Grade Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com