Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5239 Datasheet(PDF) 4 Page - EPCOS

Part # B5239
Description  Wide band, low-loss IF filter for LTE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5239 Datasheet(HTML) 4 Page - EPCOS

  B5239 Datasheet HTML 1Page - EPCOS B5239 Datasheet HTML 2Page - EPCOS B5239 Datasheet HTML 3Page - EPCOS B5239 Datasheet HTML 4Page - EPCOS B5239 Datasheet HTML 5Page - EPCOS B5239 Datasheet HTML 6Page - EPCOS B5239 Datasheet HTML 7Page - EPCOS B5239 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Jan 28, 2011
B5239
153.6 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 200
Ω balanced/ 150 Ω balanced
Ls1=Ls2=120nH, Lp3=140nH, Lp4=220nH, Ls5=Ls6=110nH.
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power
PIN
20
dBm
Ls1
Ls2
Lp3
Lp4
Ls5
Ls6


Similar Part No. - B5239

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5232 EPCOS-B5232 Datasheet
76Kb / 8P
   SAW IF filter DECT
B5233 EPCOS-B5233 Datasheet
64Kb / 7P
   Low-loss IF filter for GSM applications
More results

Similar Description - B5239

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9022 ACT-ACTF9022 Datasheet
104Kb / 3P
   low-loss, wide band SAW filter
SEPT 04
ACTF9037 ACT-ACTF9037 Datasheet
79Kb / 3P
   low-loss, wide band SAW filter
SEPT 04
ACTF00038 ACT-ACTF00038 Datasheet
81Kb / 3P
   low-loss, wide band SAW filter
SEPT 04
logo
EPCOS
B5245 EPCOS-B5245 Datasheet
68Kb / 7P
   Low-loss IF filter
B5233 EPCOS-B5233 Datasheet
64Kb / 7P
   Low-loss IF filter for GSM applications
logo
Oscilent Corporation
805-RF246.0M-A OSCILENT-805-RF246.0M-A Datasheet
256Kb / 2P
   Low Loss IF SAW Filter
813-SL70.0M-09 OSCILENT-813-SL70.0M-09 Datasheet
229Kb / 2P
   Low-Loss IF SAW Filter
logo
EPCOS
B5219 EPCOS-B5219 Datasheet
66Kb / 7P
   SAW IF filter LTE
B5220 EPCOS-B5220 Datasheet
62Kb / 7P
   SAW IF filter LTE
B5204 EPCOS-B5204 Datasheet
57Kb / 7P
   SAW IF filter LTE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com