Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRS18SD1002Q Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MRS18SD1002Q
Description  plate-shaped high precision metal film resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MRS18SD1002Q Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MRS18SD1002Q Datasheet HTML 1Page - KOA Speer Electronics, Inc. MRS18SD1002Q Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3 significant
figures + 1 multiplier
“R” indicates decimal
on values <100Ω
Nominal
Resistance
1002
features
Ultra precision T.C.R. up to ±2.5 ppm/°C,
tolerance to ±0.01%
Wide resistance range from 10Ω to 1MΩ
Marking: Black body color with laser marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
MRS
plate-shaped high precision metal film resistor
dimensions and construction
Solder
Electrode
L
D
Substrate
Film
Outer
Coating
Lead
Frame
h
H
P
.020
(0.5)
.010
±.020
(0.25±0.5)
L (max.)
MRS1/8
.220
(5.6)
.118±.02
(3.0±0.5)
.244
(6.2)
.295
(7.5)
MRS1/4
.315±.079
(8.0±2.0)
.354
(9.0)
.100±.008
(2.54±0.2)
.200±.008
(5.08±0.2)
.150±.008
(3.81±0.2)
MRS1/3
Type
D (max.)
PH
h (max.)
Dimensions inches
(mm)
.098
(2.5)
ordering information
T: ±0.01%
Q: ±0.02%
A: ±0.05%
B: ±0.1%
C: ±0.25%
D: ±0.5%
1/8: 0.125W
1/4: 0.25W
1/3: 0.3W
Please contact
factory for other
available
terminations
S: ±2.5
Y: ±5
T: ±10
E: ±25
MRS
1/3
S
T.C.R.
(ppm)
Product
Code
Size
Resistance
Tolerance
Lead Free
T
D: SnAgCu
Terminal Surface
Material
D
EU
129
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/19/11


Similar Part No. - MRS18SD1002Q

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
MRS10FB10L0 SEI-MRS10FB10L0 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FB5L00 SEI-MRS10FB5L00 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FBR200 SEI-MRS10FBR200 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FT10L0 SEI-MRS10FT10L0 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
MRS10FT5L00 SEI-MRS10FT5L00 Datasheet
281Kb / 5P
   Low Resistance Value Resistor - Molded 2 and 4 Leads
5/12/2022
More results

Similar Description - MRS18SD1002Q

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
   Precision Metal Film Resistor
logo
C&B ELECTRONICS (SHENZH...
MMFR RESI-MMFR Datasheet
533Kb / 7P
   Precision Metal Film Molded Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
Riedon Powertron
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
   precision metal film resistor SIP network
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com