Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF12LCT52RR20D Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MF12LCT52RR20D
Description  general purpose metal film leaded resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MF12LCT52RR20D Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MF12LCT52RR20D Datasheet HTML 1Page - KOA Speer Electronics, Inc. MF12LCT52RR20D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
110
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/01/11
MF, MFS, RK
general purpose metal film leaded resistor
Performance Characteristics
environmental applications
Absolute
Maximum
Overload
Voltage
Absolute
Maximum
Working
Voltage
Part
Designation
Power
Rating
@ 70°C
applications and ratings (continued)
Minimum
Dielectric
Withstanding
Voltage
MF1/4C
MF1/4D
MF1/2D
MF1/2C
MF1D
MF1C
MF1E
0.25W
0.50W
1W
——
10- 2.21M
10 - 5.05M
10 - 5.11M
47.5 - 4.64M
47.5 - 5.11M
1.0 - 6.81M
10 - 4.99M
10 - 5.11M
10 - 2.21M
——
——
47.5 - 1.0M
47.5 - 2.49M
47.5 - 1.0M
47.5 - 2.49M
——
——
D: ±100
C: ±50
C: ±50
D: ±100
E: ±25
C: ±50
D: ±100
700V
500V
250V
350V
500V
700V
T.C.R.
(ppm/°C)
Resistance Range (Ω)
(B±0.1%)
E-96
(C±0.25%)
E-96
(D±0.5%)
E-24 E-192
(F±1.0%)
E-24 E-96
Operating
Temperature
Range
-55°C
to
+155°C
(G±2.0%)
E-24
(J±5.0%)
E-24
MF1/4L
1.0 - 10
L: ±200
0.51 - 10
——
MF1/2L
1.0 - 10
L: ±200
0.51 - 10Ω
——
350V
700V
700V
MFS1/2D
MFS1/2C
10 - 1M
10 - 2.21M
——
C: ±50
D: ±100
500V
0.50W
350V
700V
10 - 2.2M
RK1/2D
0.50W
5.11M - 33M
——
——
——
L: ±200
L: ±200
D: ±100
3.3M - 33M
3.3M - 33M
RK1/4D
3.09M - 25M
D: ±100
——
700V
1000V
700V
0.25W
500V
500V
700V
6.2M - 33M
6.2M - 33M
RK1/4L
100k - 25M
——
B: ±350
100k - 33M
100k - 33M
RK1/4B
RK1/2L
RK1BC
1W
100k - 51M
——
——
G: ±250
B: ±350
100k - 100M 100k - 100M
1000V
1500V
1000V
0.50W
350V
700V
700V
1M - 12M
100k - 35M
——
B: ±350
100k - 51M
100k - 51M
RK1/2B
RK1/2G*
* Discharge path resistor
Parameter
Requirement ∆ R ±(% + 0.05Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
Room temperature, +100°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short Time)
Rated voltage x 2.5 or max. overload voltage for 5 seconds, whichever is less;
MFS1/2: Rated voltage x 2 or max. overload voltage for 5 seconds, whichever is less
RK: ±1%, RK1/2G: ±2.5%
MF: ±0.5%
RK: ±0.6%, RK1/2G: ±1%
MF: ±0.3%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second or
350°C ± 10°C, 3.5 seconds ± 0.5 second
RK: ±1%; RK1/2G: ±5%;
MFS: ±0.75%; MF1/4,
MFS1/2, MF1/2: ±0.5%,
RK: ±0.5%; RK1/2G: ±1%
MFS1/4: ±0.4%; MF1/4,
MFS1/2, MF1/2: ±0.25%
Dielectric Withstanding Voltage
1 minute
No breakdown
Insulation Resistance
100V, 1 minute
Not less than 10,000MΩ
Rapid Change of Temperature
-55°C (30 minutes), +155°C (30 minutes), 5 cycles
RK,MF: ±1%; RK1/2G: ±5%
MF: ±0.3%; RK: ±0.5%,
RK1/2G: ±1%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
RK: ±5%; RK1/2G: ±10%;
MFS1/4: ±1.5%; MF1/4,
MFS1/2, MF1/2: ±1%
RK: ±2%; RK1/2G: ±5%;
MFS1/4: ±1%; MF1/4,
MFS1/2, MF1/2: ±0.75%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
RK: ±5%; RK1/2G: ±10%;
MFS1/4: ±1.5%; MF1/4,
MFS1/2, MF1/2: ±1%
RK: ±2%; RK1/2G: ±5%;
MFS1/4: ±1%; MF1/4,
MFS1/2, MF1/2: ±0.75%
Resistance to Solvent
The resistor shall be immersed for 5 seconds in IPA
No abnormality in
appearance. Marking
shall be easily legible
Impulse
Discharge from 1000pF capacitor 50 pulses. Internal 2.5 seconds.
Charge voltage: 1.25kV (RK1/4), 2.5kV (RK1/2) and 6kV (RK1)
No such abnormalities
as short-circuit, burnout,
breakdown, etc.


Similar Part No. - MF12LCT52RR20D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF12 ETC2-MF12 Datasheet
228Kb / 5P
   Metal Film Resistors
logo
DENSEI-LAMBDA
MF1206 LAMBDA-MF1206 Datasheet
181Kb / 3P
   Band wide:150kHz ~ 30MHz, 2 stage filter?
logo
Electronic Film Capacit...
MF1206 EFC-MF1206 Datasheet
44Kb / 5P
   POLYPROPYLENE SNUBBER
MF1206DFR EFC-MF1206DFR Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
MF1206DFR-3 EFC-MF1206DFR-3 Datasheet
14Kb / 1P
   Polypropylene and Foil Capacitors
More results

Similar Description - MF12LCT52RR20D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
   general purpose metal film leaded resistor
logo
List of Unclassifed Man...
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
   General Purpose Metal Film Resistor
RNF18FTC1K00 ETC2-RNF18FTC1K00 Datasheet
140Kb / 3P
   General Purpose Metal Film Resistor
logo
Stackpole Electronics, ...
RNF SEI-RNF Datasheet
505Kb / 9P
   General Purpose Metal Film Resistor
3/3/2022
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
   General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
   General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
   General Purpose Metal Film Resistor
logo
KOA Speer Electronics, ...
RNS18ECT52R1001F KOA-RNS18ECT52R1001F Datasheet
260Kb / 2P
   MIL approved metal film leaded resistor
RNS1YC KOA-RNS1YC Datasheet
95Kb / 2P
   MIL approved metal film leaded resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com