Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBW3320 Datasheet(PDF) 4 Page - SemiWell Semiconductor

Part # SBW3320
Description  Switch Mode series NPN silicon Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SBW3320 Datasheet(HTML) 4 Page - SemiWell Semiconductor

  SBW3320 Datasheet HTML 1Page - SemiWell Semiconductor SBW3320 Datasheet HTML 2Page - SemiWell Semiconductor SBW3320 Datasheet HTML 3Page - SemiWell Semiconductor SBW3320 Datasheet HTML 4Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SBW3320
TO-3P Package Dimension
corresponding
symbol
measurement
A(mm)
15.60±0.20
A1(mm)
13.60±0.20
A2(mm)dia.
9.60±0.20
B(mm)
19.90±0.20
B1(mm)
13.90±0.20
B2(mm)
12.76±0.20
B3(mm)
3.80±0.20
C(mm)
20.00±0.30
C1(mm)
3.50±0.20
C2(mm)
16.50±0.30
D(mm)
5.45(TYP)
D1
2.0 ±0.20
D2
3.0±0.20
D3
1.00±0.20
E(mm)
4.80±0.20
+0.15
E1(mm)
1.50±
-0.05
E2(mm)
1.40±0.20
F(mm)
18.70±0.20
+0.15
G(mm)
0.60
-0.05
φ(mm)
3.20±0.10
4/4


Similar Part No. - SBW3320

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
SBW3320 WINSEMI-SBW3320 Datasheet
584Kb / 7P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - SBW3320

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
KSH13009AL SEMIHOW-KSH13009AL Datasheet
232Kb / 5P
   Switch Mode series NPN silicon Power Transistor
KSH13007 SEMIHOW-KSH13007 Datasheet
237Kb / 6P
   Switch Mode series NPN silicon Power Transistor
KSG13003AR SEMIHOW-KSG13003AR Datasheet
541Kb / 4P
   Switch Mode series NPN silicon Power Transistor
KSH13004A SEMIHOW-KSH13004A Datasheet
234Kb / 6P
   Switch Mode series NPN silicon Power Transistor
KSD13005A SEMIHOW-KSD13005A Datasheet
498Kb / 6P
   Switch Mode series NPN silicon Power Transistor
KSH13009L SEMIHOW-KSH13009L Datasheet
200Kb / 7P
   Switch Mode series NPN silicon Power Transistor-
KSH13005AF SEMIHOW-KSH13005AF Datasheet
231Kb / 5P
   Switch Mode series NPN silicon Power Transistor
KSH13007F SEMIHOW-KSH13007F Datasheet
234Kb / 5P
   Switch Mode series NPN silicon Power Transistor
KSH13009 SEMIHOW-KSH13009 Datasheet
235Kb / 6P
   Switch Mode series NPN silicon Power Transistor
KSH13009AL SEMIHOW-KSH13009AL Datasheet
232Kb / 5P
   Switch Mode series NPN silicon Power Transistor
KSH13008A SEMIHOW-KSH13008A Datasheet
235Kb / 6P
   Switch Mode series NPN silicon Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com