Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR0603TTEB7R5M Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SDR0603TTEB7R5M
Description  shielded power choke coil inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDR0603TTEB7R5M Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SDR0603TTEB7R5M Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDR0603TTEB7R5M Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDR0603TTEB7R5M Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDR
shielded power choke coil inductor
Suitable for reflow soldering
High current capability up to 2 Amps
Low DCR
Marking: Black body color with black marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
100: 10µH
101: 100µH
T: Sn
K: ±10%
M:±20%
Y: ±15%
0603
0604
0805
1006
0906
TEB: 13" embossed plastic
(0603: 1,500 pieces/reel)
(0604: 1,500 pieces/reel)
(0805: 1,000 pieces/reel)
(1006: 800 pieces/reel)
SDR
Type
Size
Tolerance
Nominal
Inductance
Termination
Material
Packaging
New Part #
0805
TEB
M
100
T
For further information on packaging, please refer to Appendix A.
dimensions and construction
B
A
F
Magnet
Wire
Electrode
Ceramic
Substrate
A
C
D
B
E
F
1
4
Marking
Dot
E
E
G
A
.295±.012
(7.5±0.3)
.197±.012
(5.0±0.3)
.102
(2.6)
B
F (typ.)
Dimensions inches
(mm)
0805
.374±.012
(9.5±0.3)
.217±.012
(5.5±0.3)
.114
(2.9)
1006
Size
.413 Max.
(10.5 Max.)
.248 Max.
(6.3 Max.)
.118
(3.0
0906
.220±.008
(5.6±0.2)
.177±.012
(4.5±0.3)
.071
(1.8)
0604
.220±.008
(5.6±0.2)
.146±.012
(3.7±0.3)
C
__
__
D
__
__
.433±.020
(11.0±0.5)
.531 Max.
(13.5 Max.)
__
__
__
__
E
__
__
G
__
__
.098±.012
(2.5±0.3)
.028±.004
(0.7±0.1)
__
__
__
__
.091
(2.3)
0603
features
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
applications and ratings
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Storage
Temperature
Range
Inductance
Tolerance
SDR0603TTEB1R5M
SDR0603TTEB2R5M
SDR0603TTEB3R9M
SDR0603TTEB5R0M
SDR0603TTEB6R8M
SDR0603TTEB7R5M
SDR0603TTEB100M
SDR0603TTEB120M
SDR0603TTEB150M
SDR0603TTEB180M
SDR0603TTEB220M
SDR0603TTEB270M
10
12
15
18
22
27
1.5
2.5
3.9
5.0
6.8
7.5
M: ±20%
0.04
0.045
0.05
0.07
0.11
0.12
0.15
0.16
0.18
0.25
0.275
0.30
3.0
2.35
2.1
1.6
1.38
1.29
1.14
1.02
0.93
0.82
0.75
0.67
-25°C to +105°C
-40°C to +105°C
EU
227
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/03/13
0603, 0604,
0805, 1006
0906
1
4
SDR0906


Similar Part No. - SDR0603TTEB7R5M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0603 BOURNS-SDR0603 Datasheet
167Kb / 2P
   SMD Power Inductors
SDR0603 BOURNS-SDR0603 Datasheet
131Kb / 2P
   SMD Power Inductors
SDR0603-100ML BOURNS-SDR0603-100ML Datasheet
167Kb / 2P
   SMD Power Inductors
SDR0603-100ML BOURNS-SDR0603-100ML Datasheet
131Kb / 2P
   SMD Power Inductors
SDR0603-101KL BOURNS-SDR0603-101KL Datasheet
167Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR0603TTEB7R5M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDR0604T KOA-SDR0604T Datasheet
93Kb / 3P
   power choke coil inductor
LPM1060TTEG100M KOA-LPM1060TTEG100M Datasheet
225Kb / 2P
   choke coil inductor
LPC4045A KOA-LPC4045A Datasheet
151Kb / 3P
   choke coil inductor
logo
Murata Manufacturing Co...
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com