Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS0906 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SDS0906
Description  power choke coil
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDS0906 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SDS0906 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDS0906 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDS0906 Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDS0906 Datasheet HTML 4Page - KOA Speer Electronics, Inc. SDS0906 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
214
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/11
SDS
power choke coil
features
Marking: Black body color
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
B
A
F
F'
F
B
C
101
D
D
C
E
A
E
E
E
3.0
W
Marking:
Pin. 1 Side
1
8
5
4
dimensions and construction
ordering information
0804, 0805,
1003, 1005
0906, 0908
3 digits
(unit: µH)
T: Sn
K: ±10%
M:±20%
Y: ±15%
0804
0805
0906
0908
1003
1005
1205
1206
1208
TEB: 13" embossed plastic
SDS
Type
Size
Tolerance
Nominal
Inductance
Terminal
Surface Material
Packaging
1205
TEB
M
2R5
T
New Part #
.315±.008
(8.0±0.2)
.500±.012
(12.7±0.3)
.413±.008
(10.5±0.2)
.083±.008
(2.1±0.2)
.079±.008
(2.0±0.2)
.094±.008
(2.4±0.2)
.177±.012
(
4.5±0.3)
.400±.012
(10.1±0.3)
.098±.008
(2.5±0.2)
.106±.012
(2.7±0.3)
CF
E
D
B
A
Dimensions inches
(mm)
.315±.008
(8.0±0.2)
.413±.008
(10.5±0.2)
.083±.008
(2.1±0.2)
.236±.012
(6.0±0.3)
.236±.012
(6.0±0.3)
.299±.012
(7.6±0.3)
.500±.012
(12.7±0.3)
.094±.008
(2.4±0.2)
.394±.008
(10.0±0.2)
.090 typ.
(2.2 typ.)
.193±.012
(4.9±0.3)
.299±.012
(7.6±0.3)
.413
(10.5)
––
.374±.012
(9.5±0.3)
.098±.012
(2.5±0.3)
.236±.012
(6.0±0.3)
.433±.020
(11.0±0.5)
.146±.012
(3.7±0.3)
.079±.008
(2.0±0.2)
Size
SDS0804
SDS0805
SDS1003
SDS1005
SDS0906
––
––
W
F1
––
––
––
––
––
.500±.031
(12.7±0.8)
.024 typ.
(0.6 typ.)
––
.374±.012
(9.5±0.3)
.500±.012
(12.7±0.3)
.413
(10.5)
––
.098±.012
(2.5±0.3)
––
.295±.012
(
7.5±0.3)
.500±.012
(12.7±0.3)
.091±.008
(2.3±0.2)
.197±.020
(5.0±0.5)
.433±.020
(11.0±0.5)
.197±.008
(5.0±0.2)
.500±.012
(12.7±0.3)
––
.500±.012
(12.7±0.3)
.091±.008
(2.3±0.2)
.236±.020
(6.0±0.5)
.197±.008
(5.0±0.2)
.500±.012
(12.7±0.3)
––
.500±.012
(12.7±0.3)
.091±.008
(2.3±0.2)
.315±.020
(8.0±0.5)
.197±.008
(5.0±0.2)
SDS0908
SDS1205
SDS1206
SDS1208
.500±.031
(12.7±0.8)
––
.024 typ.
(0.6 typ.)
––
––
––
––
––
1205, 1206, 1208
E
C
A
B
F
EU


Similar Part No. - SDS0906

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS0906TTEB100 KOA-SDS0906TTEB100 Datasheet
99Kb / 5P
   power choke coils
SDS0906TTEB101 KOA-SDS0906TTEB101 Datasheet
99Kb / 5P
   power choke coils
SDS0906TTEB102 KOA-SDS0906TTEB102 Datasheet
99Kb / 5P
   power choke coils
SDS0906TTEB103 KOA-SDS0906TTEB103 Datasheet
99Kb / 5P
   power choke coils
SDS0906TTEB150 KOA-SDS0906TTEB150 Datasheet
99Kb / 5P
   power choke coils
More results

Similar Description - SDS0906

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
   Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
   Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
   Power Choke Coil
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
   Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
   Power Choke Coil
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
   Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
   Power Choke Coil
ETQ-P3W4R7WFN PANASONIC-ETQ-P3W4R7WFN Datasheet
81Kb / 2P
   Power Choke Coil
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
   SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com