Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0526960069 Datasheet(PDF) 2 Page - Weidmuller

Part # 0526960069
Description  Connector markers, L x W: 6 x 5 mm, Polyamide, white
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0526960069 Datasheet(HTML) 2 Page - Weidmuller

  0526960069 Datasheet HTML 1Page - Weidmuller 0526960069 Datasheet HTML 2Page - Weidmuller 0526960069 Datasheet HTML 3Page - Weidmuller 0526960069 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 6 |
Horizontal | Digits consistent
- 2 -
Classifications
ETIM 2.0
EC000761
ETIM 3.0
EC000761
eClass 4.1
24-19-02-19
eClass 5.0
27-14-11-37
eClass 5.1
27-14-11-37
Similar products
Order No.
Part designation
Version
0526961000
DEK 6 GW 0
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960002
DEK 6 GW 2
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960003
DEK 6 GW 3
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960004
DEK 6 GW 4
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960005
DEK 6 GW 5
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960006
DEK 6 GW 6
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960007
DEK 6 GW 7
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960008
DEK 6 GW 8
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960009
DEK 6 GW 9
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960010
DEK 6 GW 10
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960011
DEK 6 GW 11
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960012
DEK 6 GW 12
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960013
DEK 6 GW 13
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960014
DEK 6 GW 14
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960015
DEK 6 GW 15
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960016
DEK 6 GW 16
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960017
DEK 6 GW 17
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960018
DEK 6 GW 18
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960019
DEK 6 GW 19
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960020
DEK 6 GW 20
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960021
DEK 6 GW 21
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960022
DEK 6 GW 22
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960023
DEK 6 GW 23
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960024
DEK 6 GW 24
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960025
DEK 6 GW 25
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960026
DEK 6 GW 26
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960027
DEK 6 GW 27
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960028
DEK 6 GW 28
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960029
DEK 6 GW 29
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960030
DEK 6 GW 30
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960031
DEK 6 GW 31
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960032
DEK 6 GW 32
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960033
DEK 6 GW 33
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960034
DEK 6 GW 34
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960035
DEK 6 GW 35
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960036
DEK 6 GW 36
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960037
DEK 6 GW 37
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960038
DEK 6 GW 38
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960039
DEK 6 GW 39
Connector markers, L x W: 6 x 5 mm, Polyamide, white
0526960040
DEK 6 GW 40
Connector markers, L x W: 6 x 5 mm, Polyamide, white


Similar Part No. - 0526960069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0526020579 MOLEX7-0526020579 Datasheet
206Kb / 3P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 12.00and 20.00mm (.472 and .787") Stacking Heights, 50 Circuits, Lead-free
0526020679 MOLEX7-0526020679 Datasheet
206Kb / 3P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 12.00and 20.00mm (.472 and .787") Stacking Heights, 60 Circuits, Lead-free
0526021279 MOLEX7-0526021279 Datasheet
206Kb / 3P
   1.00mm (.039") Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 12.0020.00mm (.472 and .787") Stacking Heights, 120 Circuits, Lead-free
logo
Weidmuller
0526060000 WEIDMULLER-0526060000 Datasheet
48Kb / 1P
   Special terminal, special connections, PA, green/ yellow, Busbar
logo
Molex Electronics Ltd.
0526100533 MOLEX-0526100533_V01 Datasheet
34Kb / 2P
   Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Vertical, 5.75mm Height, 5 Circuits, Tin-Silver-Bismuth Plating
More results

Similar Description - 0526960069

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0468660301 WEIDMULLER-0468660301 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide,white
0468760101 WEIDMULLER-0468760101 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760201 WEIDMULLER-0468760201 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760251 WEIDMULLER-0468760251 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760551 WEIDMULLER-0468760551 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760601 WEIDMULLER-0468760601 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468660051 WEIDMULLER-0468660051 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468660151 WEIDMULLER-0468660151 Datasheet
73Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760051 WEIDMULLER-0468760051 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0468760751 WEIDMULLER-0468760751 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
0518960091 WEIDMULLER-0518960091 Datasheet
72Kb / 2P
   Connector markers, L x W: 6 x 5 mm, Polyamide, white
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com