Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3LTE20L0F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SL3LTE20L0F
Description  surface mount molded current sense resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SL3LTE20L0F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SL3LTE20L0F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SL3LTE20L0F Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/12
SL, SLN, TSL
surface mount molded current sense resistors
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
E-24*
Resistance
Range
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.***
applications and ratings (continued)
SL2
TSL1
2W
1W
500V
1000V
-55°C to +180°C
±180: R=<10mΩ
±100: R=>11mΩ
±180: R=<13mΩ
±100: R=>15mΩ
Derating Curve
Surface Temperature Rise
environmental applications
100
80
60
40
20
-60 -40
0
40
60 80 100
180
70
20
Ambient Temperature
(°C)
0
120
-20
140 160
-55
150
100
50
50
100
% Rated Power
TSL1 (1)
TSL1 (2)
0
0
25
75
2
1
25
75
125
SLN2 (2)
SLN2 (1)
* TSL1: 20mΩ
SLN2: 110mΩ
10mm pattern
Performance Characteristics
SL3
3W
5mΩ - 100mΩ
±180: R=<10mΩ
±100: R=>11mΩ
(F: ±1%)
(J: ±5%)
3mΩ - 22MΩ
(G: ±2%)
5mΩ ~ 1MΩ
3mΩ, 4mΩ
(F: ±1%)
(J: ±5%)
10mΩ - 1MΩ
(D: ±0.5%)
––
––
––
––
10mΩ - 100mΩ
(F: ±1%)
(J: ±5%)
5mΩ - 100mΩ
* 3m, 4m, 5m, 6m, 7m, 8m, 9m resistance values also available
** SLZ1: Current rating: 44A
*** Please contact factory for T.C.R.: ±50ppm/°C
(D: ±0.5%)
10mΩ - 100mΩ
(D: ±0.5%)
SLN2
2W
5mΩ - 200mΩ
±110: R<10mΩ
±75: R=>10mΩ
(D: ±0.5%)
(F: ±1%)
(J: ±5%)
––
––
SLZ1**
––
0.5mΩ Max.
4000 Max.
––
––
––
200
100
50
50
100
% Rated Power
SL1 (1)
SL2 (2)
0
0
25
75
SL1 (2)
SL2 (1)
25
75
150
175
125
* 33mΩ
10mm pattern
TSL1/SLN2
SL1/SL2
Parameter
Requirement ∆ R ±%
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Resistance
to Solder Heat
260°C ± 5°C, 10 ± 1 second
260°C ± 5°C, 10~12 seconds
SL07, TSL1,SL1,
SL2: ±1%
SLN2: ±0.5%
SL07, TSL1,SL1,
SL2: ±1%
SLN2: ±0.5%
Overload
(Short time)
SL07: Rated power x 4 for 5 seconds, TSL1: Rated power x 2.5 for 5 seconds,
SL1, SL2, SLN2: Rated power x 5 for 5 seconds,
SL07, TSL1,SL1,
SL2: ±1%
SLN2: ±0.5%
SL07, TSL1,SL1,
SL2: ±1%
SLN2: ±0.25%
Rapid Change
of Temperature
-55°C (30 minutes), +150°C (30 minutes), 100 cycles
-55°C (15 minutes), +150°C (15 minutes), 1000 cycles
SL07, TSL1,SL1,
SL2: ±1%
SLN2: ±0.5%
SL07, TSL1,SL1,
SL2: ±0.5%
SLN2: ±0.25%
Moisture
Resistance
40°C ± 2°C, 90%~95%RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
85°C ± 2°C, 85% ±3%RH, 1000 hours, Rated power x 0.1
SL07, TSL1,SL1,
SL2: ±2%
SLN2: ±0.5%
SL07, TSL1,SL1,
SL2: ±0.5%
SLN2: ±0.25%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
SL07, TSL1,SL1,
SL2: ±2%
SLN2: ±1%
±0.5%
Low Temperature Exposure
SL07, TSL1, SL1, SL2: -55°C, 1 hour; SLN2: -65°C, 24 hours
±0.5%
±0.25%
For resistors operated at an ambient temperature of 70°C
or above, a power rating shall be derated in accordance
with the above derating curve.
Regarding the temperature rise, the value of the temperature varies per conditions and
board for use since the temperature is measured under our measuring conditions.


Similar Part No. - SL3LTE20L0F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL3LTED10L0F KOA-SL3LTED10L0F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL3LTED1240F KOA-SL3LTED1240F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL3LTED12L1F KOA-SL3LTED12L1F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL3LTED13L0F KOA-SL3LTED13L0F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL3LTED1432F KOA-SL3LTED1432F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
More results

Similar Description - SL3LTE20L0F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
   surface mount molded current sense resistors
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
   surface mount molded current sense resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
KOA Speer Electronics, ...
NPR1TTE KOA-NPR1TTE Datasheet
98Kb / 2P
   surface mount molded current sense resistor
NPR1TTE100J KOA-NPR1TTE100J Datasheet
257Kb / 2P
   surface mount molded current sense resistor
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com