Electronic Components Datasheet Search |
|
SLN3LTE20L0F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc. |
|
SLN3LTE20L0F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc. |
2 / 2 page 51 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/17/12 SL, SLN, TSL surface mount molded current sense resistors Absolute Maximum Working Voltage Resistance Tolerance E-24* Resistance Range Part Designation Absolute Maximum Overload Voltage Operating Temperature Range Power Rating T.C.R. (ppm/°C) Max.*** applications and ratings (continued) SL2 TSL1 2W 1W 500V 1000V -55°C to +180°C ±180: R=<10mΩ ±100: R=>11mΩ ±180: R=<13mΩ ±100: R=>15mΩ Derating Curve Surface Temperature Rise environmental applications 100 80 60 40 20 -60 -40 0 40 60 80 100 180 70 20 Ambient Temperature (°C) 0 120 -20 140 160 -55 150 100 50 50 100 % Rated Power TSL1 (1) TSL1 (2) 0 0 25 75 2 1 25 75 125 SLN2 (2) SLN2 (1) * TSL1: 20mΩ SLN2: 110mΩ 10mm pattern Performance Characteristics SL3 3W 5mΩ - 100mΩ ±180: R=<10mΩ ±100: R=>11mΩ (F: ±1%) (J: ±5%) 3mΩ - 22MΩ (G: ±2%) 5mΩ ~ 1MΩ 3mΩ, 4mΩ (F: ±1%) (J: ±5%) 10mΩ - 1MΩ (D: ±0.5%) –– –– –– –– 10mΩ - 100mΩ (F: ±1%) (J: ±5%) 5mΩ - 100mΩ * 3m, 4m, 5m, 6m, 7m, 8m, 9m resistance values also available ** SLZ1: Current rating: 44A *** Please contact factory for T.C.R.: ±50ppm/°C (D: ±0.5%) 10mΩ - 100mΩ (D: ±0.5%) SLN2 2W 5mΩ - 200mΩ ±110: R<10mΩ ±75: R=>10mΩ (D: ±0.5%) (F: ±1%) (J: ±5%) –– –– SLZ1** –– 0.5mΩ Max. 4000 Max. –– –– –– 200 100 50 50 100 % Rated Power SL1 (1) SL2 (2) 0 0 25 75 SL1 (2) SL2 (1) 25 75 150 175 125 * 33mΩ 10mm pattern TSL1/SLN2 SL1/SL2 Parameter Requirement ∆ R ±% Limit Typical Test Method Resistance T.C.R. 25°C +25°C/+125°C Within specified tolerance Within specified T.C.R. — — Resistance to Solder Heat 260°C ± 5°C, 10 ± 1 second 260°C ± 5°C, 10~12 seconds SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% Overload (Short time) SL07: Rated power x 4 for 5 seconds, TSL1: Rated power x 2.5 for 5 seconds, SL1, SL2, SLN2: Rated power x 5 for 5 seconds, SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.25% Rapid Change of Temperature -55°C (30 minutes), +150°C (30 minutes), 100 cycles -55°C (15 minutes), +150°C (15 minutes), 1000 cycles SL07, TSL1,SL1, SL2: ±1% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±0.5% SLN2: ±0.25% Moisture Resistance 40°C ± 2°C, 90%~95%RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 85°C ± 2°C, 85% ±3%RH, 1000 hours, Rated power x 0.1 SL07, TSL1,SL1, SL2: ±2% SLN2: ±0.5% SL07, TSL1,SL1, SL2: ±0.5% SLN2: ±0.25% Endurance at 70°C 70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle SL07, TSL1,SL1, SL2: ±2% SLN2: ±1% ±0.5% Low Temperature Exposure SL07, TSL1, SL1, SL2: -55°C, 1 hour; SLN2: -65°C, 24 hours ±0.5% ±0.25% For resistors operated at an ambient temperature of 70°C or above, a power rating shall be derated in accordance with the above derating curve. Regarding the temperature rise, the value of the temperature varies per conditions and board for use since the temperature is measured under our measuring conditions. |
Similar Part No. - SLN3LTE20L0F |
|
Similar Description - SLN3LTE20L0F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |