Part Name
         Description
MJE4342

 16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS ( 6 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJE4342 MJE4343 MJE4352 MJE4353
3
Motorola Bipolar Power Transistor Device Data
5.0
IC, COLLECTOR CURRENT (AMP)
0.5
3.0
2.0
1.0
Figure 4. Turn–Off Time
0.7
0.2
0.5 0.7
5.0
2.0
0.3
1.0
3.0
20
10
7.0
TJ = 25°C
IC/IB = 10
IB1 = IB2
VCE = 30 V
ts
tf
2.0
0.2
IC, COLLECTOR CURRENT (AMP)
20
1.6
1.2
0.8
0.4
0
10
7.0
0.3
0.7
0.5
2.0
1.0
5.0
3.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
Figure 5. On Voltages
TYPICAL CHARACTERISTICS
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
50
20
10
10
0.5
2.0
1.0
5.0
VCE = 2 V
Figure 6. MJE4340 Series (NPN)
TJ = 150°C
25
°C
– 55
°C
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
10
10
0.5
2.0
1.0
5.0
Figure 7. MJE4350 Series (PNP)
2.0
0.05
IB, BASE CURRENT (AMP)
5.0
1.2
0
3.0
0.1
0.3
0.2
0.5
Figure 8. Collector Saturation Region
1.6
0.8
0.4
0.07
0.7
1.0
2.0
TJ = 25°C
IC = 4.0 A
8.0 A
16 A
VCE = 2 V
TJ = 150°C
25
°C
– 55
°C
VCE = 2 V
TJ = 150°C
25
°C
– 55
°C
DC CURRENT GAIN
1  2  3  4  5  6 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MJE1713 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS 1 2 3 4 Motorola, Inc
MJH1101715 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 200 250 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE2005 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJH6282DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 100 VOLTS 160 WATTS 1 2 3 4 5 MoreMotorola, Inc
BDX53BDARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS 1 2 3 4 5 MoreON Semiconductor
MJ2119316 ampere complementary silicon power transistors 250 volts 250 watts 1 2 3 4 5 MoreMotorola, Inc
MJL2119316 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ250010 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
MJE2434 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJL3281A15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS 1 2 3 4 5 MoreMotorola, Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl