Electronic Components Datasheet Search |
|
RK73Z2BTTA Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
RK73Z2BTTA Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc. |
1 / 2 page features • Silver element • Marking: White “000” on black protective coat 1F black with no marking 1H and 1E sizes are green with no marking 1J has white “0” marking • Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb-glass contained in electrode, resistor element and glass. • AEC-Q200 Qualified: 0402(1E), 0603(1J), 0805(2A), 1206(2B), 1210(2E), 2010(2H/W2H), 2512(3A/W3A) ordering information T: Sn (1F, 1H, 1E, 1J, 2A, 2B, 2E, 2H, 3A) Contact factory for below options: L: SnPb (1E, 1J, 2A, 2B, 2E, 2H, 3A only) G: Au (1E, 1J, 2A) 1F 1H 1E 1J 2A 2B 2E W2H W3A 2H 3A TX: 01005 only: 4mm width - 1mm pitch embossed plastic TBL: 01005 only: 2mm pitch pressed paper TA: 0201 only: 1mm pitch pressed paper TC: 0201 only: 7" 2mm pitch pressed paper (TC: 10,000 pcs/reel, TCM: 15,000 pcs/reel) TCD: 0201 only: 10" 2mm pitch pressed paper TPL: 0402 only: 2mm pitch punch paper TP: 0402, 0603, 0805: 7" 2mm pitch punch paper TD: 0603, 0805, 1206, 1210:7" 4mm pitch punched paper TDD: 0603, 0805, 1206, 1210: 10" paper tape TE: 0805, 1206, 1210, 2010 & 2512: 7" embossed plastic TED: 0805, 1206, 1210, 2010 & 2512: 10" embossed plastic For further information on packaging, please refer to Appendix A RK73Z Type Size Termination Material Packaging New Part # 2B TD T RK73Z zero ohm jumper chip resistor 32 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/10/13 dimensions and construction Protective Coating Inner Electrode Resistive Film Ceramic Substrate Solder Plating Ni Plating L c c W t d Type L 1H (0201) .024±.001 (0.6±0.03) .039 +.004 -.002 (1.0 +0.1 ) -0.05 .01 +.002 -.004 (0.25 +0.05) -0.1 .012 +.008 -.004 (0.3 +0.2) -0.1 .016 +.008 -.004 (0.4 +0.2) -0.1 .016 +.008 -.004 (0.4 +0.2) -0.1 .012±.001 (0.3±0.03) .004±.002 (0.1±0.05) .006±.002 (0.15±0.05) .009±.001 (0.23±0.03) 1F (01005) .016±.0008 (0.4±0.02) .079±.0008 (0.2±0.02) .004±.001 (0.10±0.03) .004±.001 (0.11±0.03) .005±.0008 (0.13±0.02) .014±.002 (0.35±0.05) .018±.004 (0.45±0.1) .012±.004 (0.3±0.1) .02±.004 (0.5±0.1) .024±.004 (0.6±0.1) .008±.004 (0.2±0.1) .012±.004 (0.3±0.1) .016±.008 (0.4±0.2) .02±.012 (0.5±0.3) .063±.008 (1.6±0.2) .102±.008 (2.6±0.2) .126±.008 (3.2±0.2) .049±.004 (1.25±0.1) .031±.004 (0.8±0.1) .02±.002 (0.5±0.05) .063±.008 (1.6±0.2) .079±.008 (2.0±0.2) 1E (0402) 1J (0603) 2A (0805) 2B (1206) W2H (2010) .098±.008 (2.5±0.2) .197±.008 (5.0±0.2) 2H (2010) W3A (2512) .122±.008 (3.1±0.2) .248±.008 (6.3±0.2) 3A (2512) (Inch Size Code) Wc d t Dimensions inches (mm) 2E (1210) EU .026±.006 (0.65±0.15) .026±.006 (0.65±0.15) |
Similar Part No. - RK73Z2BTTA |
|
Similar Description - RK73Z2BTTA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |