Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0437.375WR Datasheet(PDF) 3 Page - Littelfuse

Part # 0437.375WR
Description  Surface Mount Fuses Ceramic Fuse > 437 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0437.375WR Datasheet(HTML) 3 Page - Littelfuse

  0437.375WR Datasheet HTML 1Page - Littelfuse 0437.375WR Datasheet HTML 2Page - Littelfuse 0437.375WR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
19
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
Please refer to www.littelfuse.com/series/437.html for current information.
437 Series
Ceramic Fuse > 437 Series
Materials
Body: Advanced Ceramic
Terminations: Ag / Ni / Sn (100% Lead-free)
Element Cover Coating: Lead-free Glass
Moisture
Sensitivity Level
IPC/JEDECJ-STD-020C,Level1
Solderability
IPC/EIC/JEDECJ-STD-002B,ConditionB
Humidity Test
MIL-STD-202,Method103B,ConditionsD
Resistance to
Solder Heat
MIL-STD-202,Method210F,ConditionB
Product Characteristics
Moisture Resistance
MIL-STD-202, Method 106G
Thermal Shock
MIL-STD-202, Method 107G,
ConditionB
Mechanical Shock
MIL-STD-202,Method213B,
Condition A
Vibration
MIL-STD-202, Method 201A
Vibration,
High Frequency
MIL-STD-202, Method 204D,
Condition D
Dissolution of
Metallization
IPC/EIC/JEDECJ-STD-002B,
Condition D
Terminal Strength
IEC60127-4
Dimensions
0.520 ± 0.200
[0.020 ± 0.08]
2
3.200 ± 0.1778
[0.126 ± 0.007]
1.000
[0.039]
1.63 +0.10 / -0.2
[0.064 +0.004 / -0.008]
N
1.500
[0.059]
1.800
[0.071]
3.500
[0.138]
1.000
[0.039]
0.8179 +0.046 / -0.076
[0.0332 +0.0018 / -0.003]
Packaging
Part Marking System
packaging Option
packaging Specification
Quantity
Quantity &
packaging code
8mm Tape and Reel
EIA-481,IEC60286,Part3
3000
WR
Part Numbering System
0437 008. W R
SERIES
AMP CoDE
quANTITy CoDE
PACkINg CoDE
W = 3000 pcs
R=ReelPack
Amp code
marking code
.250
D
.375
E
.500
F
.750
g
001.
H
1.25
J
01.5
k
1.75
L
002.
N
02.5
o
003.
P
03.5
R
004.
S
005.
T
007.
W
008.
X


Similar Part No. - 0437.375WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0437.250WR LITTELFUSE-0437.250WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0437.500WR LITTELFUSE-0437.500WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0437.750WR LITTELFUSE-0437.750WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
More results

Similar Description - 0437.375WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
043703.5WR LITTELFUSE-043703.5WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0437002.WR LITTELFUSE-0437002.WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0437007.WR LITTELFUSE-0437007.WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
043701.5WR LITTELFUSE-043701.5WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
043702.5WR LITTELFUSE-043702.5WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0437001.WR LITTELFUSE-0437001.WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
04371.25WR LITTELFUSE-04371.25WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
04371.75WR LITTELFUSE-04371.75WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0437005.WR LITTELFUSE-0437005.WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0437.750WR LITTELFUSE-0437.750WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com