Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9772 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9772
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9772 Datasheet HTML 3Page - Analog Devices AD9772 Datasheet HTML 4Page - Analog Devices AD9772 Datasheet HTML 5Page - Analog Devices AD9772 Datasheet HTML 6Page - Analog Devices AD9772 Datasheet HTML 7Page - Analog Devices AD9772 Datasheet HTML 8Page - Analog Devices AD9772 Datasheet HTML 9Page - Analog Devices AD9772 Datasheet HTML 10Page - Analog Devices AD9772 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
REV. 0
AD9772
–7–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
1, 2, 19, 20
DCOM
Digital Common.
3
DB13
Most Significant Data Bit (MSB).
4–15
DB12–DB1
Data Bits 1–12.
16
DB0
Least Significant Data Bit (LSB).
17
MOD0
Invokes digital high-pass filter response (i.e., “half-wave” digital mixing mode). Active High.
18
MOD1
Invokes “zero-stuffing” mode. Active High. Note, “quarter-wave” digital mixing occurs with
MOD0 also set HIGH.
23, 24
NC
No Connect, Leave Open.
21, 22, 47, 48
DVDD
Digital Supply Voltage (+2.7 V to +3.6 V).
25
PLLLOCK
Phase Lock Loop Lock Signal when PLL clock multiplier is enabled. High indicates PLL is
locked to input clock. Provides 1
× clock output when PLL clock multiplier is disabled. Maxi-
mum fanout is one (i.e., <10 pF).
26
RESET
Resets internal divider by bringing momentarily high when PLL is disabled to synchronize inter-
nal 1
× clock to the input data and/or multiple AD9772 devices.
27, 28
DIV1, DIV0
DIV1 along with DIV0 sets the PLL’s prescaler divide ratio (refer to Table III.)
29
CLK+
Noniverting input to differential clock. Bias to midsupply (i.e., CLKVDD/2).
30
CLK–
Inverting input to differential clock. Bias to midsupply (i.e., CLKVDD/2).
31
CLKCOM
Clock Input Common.
32
CLKVDD
Clock Input Supply Voltage (+2.7 V to +3.6 V).
33
PLLCOM
Phase Lock Loop Common.
34
PLLVDD
Phase Lock Loop (PLL) Supply Voltage (+2.7 V to +3.6 V). To disable PLL clock multiplier,
connect PLLVDD to PLLCOM.
35
LPF
PLL Loop Filter Node.
36
SLEEP
Power-Down Control Input. Active High. Connect to ACOM if not used.
37, 41, 44
ACOM
Analog Common.
38
REFLO
Reference Ground when Internal 1.2 V Reference Used. Connect to AVDD to disable internal
reference.
39
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled (i.e., tie
REFLO to AVDD). Serves as 1.2 V reference output when internal reference activated (i.e., tie
REFLO to ACOM). Requires 0.1
µF capacitor to ACOM when internal reference activated.
40
FSADJ
Full-Scale Current Output Adjust.
42
IOUTB
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
43
IOUTA
DAC Current Output. Full-scale current when all data bits are 1s.
45, 46
AVDD
Analog Supply Voltage (+2.7 V to +3.6 V).
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SLEEP
LPF
PLLVDD
PLLCOM
CLKVDD
CLKCOM
CLK–
DCOM
DCOM
(MSB) DB13
DB12
DB11
DB10
DB9
NC = NO CONNECT
DB8
DB7
DB6
DB5
CLK+
DIV0
DIV1
RESET
AD9772
DB4
PLLLOCK


Similar Part No. - AD9772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9772A AD-AD9772A Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772A-EB AD-AD9772A-EB Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772AAST AD-AD9772AAST Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
More results

Similar Description - AD9772

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com