Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0438.375WR Datasheet(PDF) 1 Page - Littelfuse

Part # 0438.375WR
Description  Surface Mount Fuses Ceramic Fuse > 438 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0438.375WR Datasheet(HTML) 1 Page - Littelfuse

  0438.375WR Datasheet HTML 1Page - Littelfuse 0438.375WR Datasheet HTML 2Page - Littelfuse 0438.375WR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
438 Series
Ceramic Fuse > 438 Series
Please refer to www.littelfuse.com/series/438.html for current information.
438 Series – 0603 Fast-Acting Fuse
Description
The 438 Series is a 100% Lead-free, RoHS compliant and
Halogen-free fuse series designed specifically to provide
over-current protection to circuits that operate under high
working ambient temperature up to 150ºC.
The general design ensures excellent temperature stability
and performance reliability.
The high I²t values which is typical in the Littelfuse
Ceramic Fuse family ensure high inrush current withstand
capability.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
0.250A – 6A
LR29862
0.250A – 6A
Features
Electrical Characteristics for Series
• OperatingTemperature
from -55ºC to +150ºC
• 100%Lead-free,RoHS
compliant and Halogen-
free
• Suitableforbothleaded
and lead-free reflow /
wave soldering
% of Ampere
Rating
Ampere Rating
Opening Time at 25ºC
100%
0.250A – 6A
4 Hours, Minimum
250%
0.250A – 6A
5 Seconds, Maximum
Applications
Ampere
Rating
(A)
Amp
Code
Max.
Voltage
Rating (V)
Interrupting Rating
Nominal
Resistance
(Ohms)2
Nominal
Melting I2t
(A2Sec.)3
Nominal Voltage
Drop At Rated
Current (V)4
Nominal Power
Dissipation At
Rated Current (W)
Agency Approvals
0.25
.250
63
50A @ 63VDC
50A @ 32VAC
2.024
0.0017
0.550
0.138
x
x
0.375
.375
63
1.247
0.0041
0.488
0.183
x
x
0.5
.500
63
0.829
0.0100
0.486
0.243
x
x
0.75
.750
63
0.466
0.0281
0.378
0.284
x
x
1
001.
63
0.310
0.0593
0.351
0.351
x
x
1.25
1.25
63
0.200
0.0510
0.365
0.456
x
x
1.5
01.5
63
0.174
0.0902
0.368
0.552
x
x
1.75
1.75
63
0.125
0.1440
0.360
0.540
x
x
2
002.
32
50A @ 32VDC/12VAC
0.051
0.1490
0.107
0.214
x
x
2.5
02.5
32
0.0324
0.1977
0.095
0.238
x
x
3
003.
32
0.0252
0.2922
0.093
0.279
x
x
3.5
03.5
32
0.0203
0.4752
0.082
0.287
x
x
4
004.
32
0.0169
0.6920
0.079
0.316
x
x
5
005.
32
0.0113
0.7398
0.074
0.370
x
x
6
006.
24
50A @ 24VDC/12VAC
0.0087
1.3838
0.072
0.432
x
x
Electrical Specifications by Item
Notes:
1. AC Interrupting Rating tested at rated voltage with unity power factor. DC Interrupting
Rating tested at rated voltage with time constant < 0.8 msec.
2. Nominal Resistance measured with < 10% rated current.
3. Nominal Melting I²t measured at 1 msec. opening time.
4. Nominal Voltage Drop measured at rated current after temperature has stabilized.
• HandheldElectronics
• LCDDisplays
• BatteryPacks
• HardDiskDrives
• SDMemoryCards
• AutomotiveElectronics
Devices designed to carry rated current for 4 hours minimum. It is recommended that
devices be operated continuously at no more than 80% rated current. See “Temperature
Rerating Curve”for additional rerating information.
Devices designed to be mounted with marking code facing up.
Revised: February 15, 2012


Similar Part No. - 0438.375WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0438.250WR LITTELFUSE-0438.250WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.500WR LITTELFUSE-0438.500WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.750WR LITTELFUSE-0438.750WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
More results

Similar Description - 0438.375WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0438002.WR LITTELFUSE-0438002.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.750WR LITTELFUSE-0438.750WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438005.WR LITTELFUSE-0438005.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.250WR LITTELFUSE-0438.250WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
043802.5WR LITTELFUSE-043802.5WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438006.WR LITTELFUSE-0438006.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
043801.5WR LITTELFUSE-043801.5WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
043803.5WR LITTELFUSE-043803.5WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.500WR LITTELFUSE-0438.500WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438003.WR LITTELFUSE-0438003.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com