Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9772A Datasheet(PDF) 9 Page - Analog Devices

Part # AD9772A
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9772A Datasheet HTML 5Page - Analog Devices AD9772A Datasheet HTML 6Page - Analog Devices AD9772A Datasheet HTML 7Page - Analog Devices AD9772A Datasheet HTML 8Page - Analog Devices AD9772A Datasheet HTML 9Page - Analog Devices AD9772A Datasheet HTML 10Page - Analog Devices AD9772A Datasheet HTML 11Page - Analog Devices AD9772A Datasheet HTML 12Page - Analog Devices AD9772A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. A
–9–
AD9772A
fOUT – MHz
0
–60
–100
120
20
0
–40
–80
40
60
80
100
–20
OUT-OF-
BAND
IN-BAND
TPC 1. Single-Tone Spectral Plot @
fDATA = 65 MSPS with fOUT = fDATA/3
FREQUENCY – MHz
0
–60
–100
150
0
–40
–80
50
100
–20
OUT-OF-
BAND
IN-BAND
TPC 4. Single-Tone Spectral Plot @
fDATA = 78 MSPS with fOUT = fDATA/3
FREQUENCY – MHz
0
–60
–100
300
50
0
–40
–80
100
150
200
250
–20
OUT-OF-
BAND
IN-BAND
TPC 7. Single-Tone Spectral Plot
@ fDATA = 160 MSPS with fOUT = fDATA/3
–12dBFS
0dBFS
–6dBFS
fOUT – MHz
30
15
020
25
10
5
90
85
80
75
70
65
60
55
50
TPC 2. In-Band SFDR vs. fOUT
@ fDATA = 65 MSPS
fOUT – MHz
90
30
15
0
85
80
75
70
65
60
55
50
20
25
10
5
–12dBFS
0dBFS
35
–6dBFS
TPC 5. In-Band SFDR vs. fOUT
@ fDATA = 78 MSPS
fOUT – MHz
90
0
85
80
75
70
65
60
55
50
10
20
30
40
50
60
–12dBFS
–6dBFS
0dBFS
TPC 8. In-Band SFDR vs. fOUT
@ fDATA = 160 MSPS
Typical AC Characterization Curves
(AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, DVDD = 3.3 V, IOUTFS = 20 mA,
PLL Disabled.)
fOUT – MHz
70
30
15
0
65
60
55
50
45
40
35
30
20
25
10
5
–12dBFS
0dBFS
–6dBFS
TPC 3. Out-of-Band SFDR vs.
fOUT @ fDATA = 65 MSPS
fOUT – MHz
70
0
65
60
55
50
45
40
35
30
5
10
1520
253035
–12dBFS
–6dBFS
0dBFS
TPC 6. Out-of-Band SFDR vs.
fOUT @ fDATA = 78 MSPS
fOUT – MHz
70
0
65
60
55
50
45
40
35
30
10
20
30
40
50
60
70
–12dBFS
–6dBFS
0dBFS
TPC 9. Out-of-Band SFDR vs.
fOUT @ fDATA = 160 MSPS


Similar Part No. - AD9772A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772A-EB AD-AD9772A-EB Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772AAST AD-AD9772AAST Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772AASTRL AD-AD9772AASTRL Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772AASTZ AD-AD9772AASTZ Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
More results

Similar Description - AD9772A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com