Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAOL-5701AE4 Datasheet(PDF) 3 Page - Visual Communications Company

Part # VAOL-5701AE4
Description  LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

VAOL-5701AE4 Datasheet(HTML) 3 Page - Visual Communications Company

  VAOL-5701AE4 Datasheet HTML 1Page - Visual Communications Company VAOL-5701AE4 Datasheet HTML 2Page - Visual Communications Company VAOL-5701AE4 Datasheet HTML 3Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RED
Typical Electro-optical Characteristic Curves
(25
°C Free Air Temperature Unless Otherwise Specified)
0.5
0.1
1
10
100
1000
Fig 1. Forward Current vs. Forward Voltage
Forward Voltage(V)
0.0
Forward Current(mA)
1
Fig 2. Relative Intensity vs. Forward Current
10
100
1000
0.5
1.0
1.5
2.0
2.5
3.0
0.8
Ambient Temperature( C)
Fig 3. Forward Voltage vs. Temperature
Fig 4. Relative Intensity vs. Temperature
0.9
1.0
1.1
1.2
- 40
- 20
20
0
80
40
60
100
Ambient Temperature( C)
Wavelength(nm)
0.0
710
Fig 5. Relative Intensity vs. Wavelength
1.0
0.5
660
610
560
3.0
1.0
0.0
0.5
2.0
1.5
2.5
- 40
- 20
0
20
80
60
40
100
1.0
2.0
3.0
4.0


Similar Part No. - VAOL-5701AE4

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
VAOL-5701CE4 VCC-VAOL-5701CE4 Datasheet
628Kb / 3P
   LED LAMP
VAOL-5701DE4 VCC-VAOL-5701DE4 Datasheet
630Kb / 3P
   LED LAMP
VAOL-5701SBY4 VCC-VAOL-5701SBY4 Datasheet
626Kb / 3P
   SUPERBRIGHT LED LAMP
VAOL-5701WY4 VCC-VAOL-5701WY4 Datasheet
615Kb / 3P
   SUPERBRIGHT LED LAMP
More results

Similar Description - VAOL-5701AE4

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com