Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04341.25NRP Datasheet(PDF) 2 Page - Littelfuse

Part # 04341.25NRP
Description  Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04341.25NRP Datasheet(HTML) 2 Page - Littelfuse

  04341.25NRP Datasheet HTML 1Page - Littelfuse 04341.25NRP Datasheet HTML 2Page - Littelfuse 04341.25NRP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
32
Revision: February 13, 2008
Surface Mount Fuses
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for the most current information
Thin Film > 0603 Size > Very Fast Acting > 434 Series
434 Series
Average Time Current Curves
CURRENT IN AMPERES
0.01
0.1
0.1
1
1
10
100
10
100
0.001
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters - Wave Soldering
Temperature Rerating Curve


Similar Part No. - 04341.25NRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04341.25 LITTELFUSE-04341.25 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results

Similar Description - 04341.25NRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0434003.NRP LITTELFUSE-0434003.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0434005.NRP LITTELFUSE-0434005.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
043401.5NRP LITTELFUSE-043401.5NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0434.375NRP LITTELFUSE-0434.375NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0434.500NRP LITTELFUSE-0434.500NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
04341.75NRP LITTELFUSE-04341.75NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0434002.NRP LITTELFUSE-0434002.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0434004.NRP LITTELFUSE-0434004.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0434.250NRP LITTELFUSE-0434.250NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0434.750NRP LITTELFUSE-0434.750NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com