Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKH8KDSTP103G Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RKH8KDSTP103G
Description  thick film SIP resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RKH8KDSTP103G Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RKH8KDSTP103G Datasheet HTML 1Page - KOA Speer Electronics, Inc. RKH8KDSTP103G Datasheet HTML 2Page - KOA Speer Electronics, Inc. RKH8KDSTP103G Datasheet HTML 3Page - KOA Speer Electronics, Inc. RKH8KDSTP103G Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RKC, RKH, RKL
thick film SIP resistors
features
Available in various types of standard
circuits in different sizes and power
Higher temperature soldering of the leads prevents
terminals from loosening during board assembly
For automatic insertion machines, stick magazines
and taping packages are available
Marking: Black body color with white marking
Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
dimensions and construction
.01±.004
(0.25±0.1)
Glass Coating
Resistive Film
L
.098
(2.5)
max.
Inner
Electrode
Ceramic
Substrate
Protective
Coating
.047±.008
(1.2±0.2)
Lead
Frame
.02±.004
(0.5±0.1)
H
.13
(3.3 )
+0.5
-0.3
+.02
-.012
p
For further information on packaging,
please refer to Appendix C.
STP, STB,
TBA, TPA,
TUA
ordering information
F: ±1%
G: ±2%
J: ±5%
B, S, C, D,
A, T, E,
R
RKC: L, K
RKC
RKH
RKL
D: SnAgCu
(Other termination
styles available,
contact factory
for options)
3 - 16
RKC
8
B
D
Circuit
Symbol
Type
Number of
Resistors
Tolerance
Termination
Material
Packaging
New Part #
STP
F
2 significant figures
+ 1 multiplier for ±2%
& ±5%
3 significant figures
+ 1 multiplier for ±1%
R1/R2 3 digits/3 digits
Nominal Resistance
103
EU
Size
Code
RKS
(2.0 pitch)
10
11
9
8
7
6
5
4
3
Number of Pins
Dimen. in.
(mm)
12.7
260
15.3
390
17.8
455
20.3
520
22.8
585
12.7
325
RKC
(1.8 pitch)
10.8
400
15.5
580
15.8
650
17.8
720
20.4
760
12.7
500
10.2
300
10.1
195
RKH
––
––
––
13.3
700
700
700
––
18.3
1050
1050
1050
––
20.9
1250
––
1250
1400
23.4
1400
1400
1400
1400
25.9
1500
––
1500
1500
15.8
875
––
875
1050
10.8
525
––
––
500
RKL
8.20
250
––
––
––
22.8
650
20.9
820
28.5
1600
1600
1600
––
27.94
1150
1150
1125
––
12.70
500
500
375
––
17.78
750
750
625
––
20.32
875
––
750
800
22.86
1000
1000
875
––
25.40
1050
––
1000
1000
15.24
625
––
500
600
10.16
375
––
––
––
8.20
250
––
––
––
L
W
L
W
L
B,A,R circuit
W
C,T,E circuit
D circuit
S Circuit
L
B,A,R circuit
W
C,T,E circuit
D circuit
S Circuit
L
B,A,R circuit
W
C,T,E circuit
D circuit
S Circuit
10.8
375
––
––
500
13.2
500
500
375
––
18.3
750
750
625
––
20.9
875
––
750
1000
23.4
1000
1000
875
––
25.9
1050
––
1000
1050
RKC
(2.54 pitch)
15.8
625
––
500
750
28.5
1150
1150
1125
––
12
25.4
715
23.5
850
31.0
1700
––
1700
1700
30.48
1250
––
1250
1200
31.0
1250
––
1250
1250
13
25.4
880
33.6
1800
1800
––
––
––
––
––
33.6
1350
1350
1350
––
14
28.5
900
––
––
––
––
––
––
36.1
1450
––
1450
1450
15
––
––
––
––
––
––
38.7
1500
––
––
––
16
––
––
––
––
––
––
41.3
1550
––
––
––
H max.
.200
(5.08)
.256
(6.5)
.421
(10.7)
.200
(5.08)
.256
(6.5)
p
.079±.008
(2.0±0.2)
.071±.006
(1.8±0.15)
.100±.008
(2.54±0.2)
.100±.008
(2.54±0.2)
.100±.008
(2.54±0.2)
101
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
(See table below)
L= L dimension (mm) max.
W= Wattage/Package (mW) max.


Similar Part No. - RKH8KDSTP103G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKH8KD KOA-RKH8KD Datasheet
151Kb / 4P
   thick film SIP resistors
More results

Similar Description - RKH8KDSTP103G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKC3BD KOA-RKC3BD Datasheet
151Kb / 4P
   thick film SIP resistors
logo
Bourns Electronic Solut...
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4606X BOURNS-4606X_11 Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4604X BOURNS-4604X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4608X BOURNS-4608X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4609X BOURNS-4609X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4610X BOURNS-4610X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4607X BOURNS-4607X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4611X BOURNS-4611X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com