Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64322A-5TG2U Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64322A-5TG2U
Description  512K x 32 Bit x 4 Banks
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64322A-5TG2U Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L64322A-5TG2U Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L64322A-5TG2U Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ESMT
M12L64322A (2U)
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2010
Revision: 1.0
8/46
SIMPLIFIED TRUTH TABLE
COMMAND
CKEn-1 CKEn
CS RAS CAS
WE DQM BA0,1 A10/AP
A9~A0
Note
Register
Mode Register set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
X
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
(A0~A7)
4,5
Auto Precharge Disable
L
4
Write &
Column Address
Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Address
(A0~A7)
4,5
Burst Stop
H
X
L
H
H
L
X
X
6
Bank Selection
V
L
Precharge
All Banks
H
X
L
L
H
L
X
X
H
X
H
X
X
X
Entry
H
L
L
V
V
V
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down Mode
Exit
L
H
L
V
V
V
X
X
DQM
H
X
V
X
7
H
X
X
X
No Operating Command
H
X
L
H
H
H
X
X
(V = Valid, X = Don’t Care. H = Logic High, L = Logic Low)
Note:
1.OP Code: Operating Code
A0~A10 & BA0~BA1: Program keys. (@ MRS)
2.MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3.Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge of command is meant by “Auto”.
Auto/self refresh can be issued only at all banks precharge state.
4.BA0~BA1 : Bank select addresses.
If both BA1 and BA0 are “Low” at read, write, row active and precharge, bank A is selected.
If both BA1 is “Low” and BA0 is “High” at read, write, row active and precharge, bank B is selected.
If both BA1 is “High” and BA0 is “Low” at read, write, row active and precharge, bank C is selected.
If both BA1 and BA0 are “High” at read, write, row active and precharge, bank D is selected
If A10/AP is “High” at row precharge, BA1 and BA0 is ignored and all banks are selected.
5.During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6.Burst stop command is valid at every burst length.
7.DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (write DQM latency is 0), but
makes Hi-Z state the data-out of 2 CLK cycles after.(Read DQM latency is 2)


Similar Part No. - M12L64322A-5TG2U

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A-5TG ESMT-M12L64322A-5TG Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A-5TG ESMT-M12L64322A-5TG Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L64322A-5TG2U

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com