Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L64322A-6TG2U Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L64322A-6TG2U
Description  512K x 32 Bit x 4 Banks
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L64322A-6TG2U Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M12L64322A-6TG2U Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L64322A-6TG2U Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ESMT
M12L64322A (2U)
Elite Semiconductor Memory Technology Inc.
Publication Date: Apr. 2010
Revision: 1.0
1/46
SDRAM
512K x 32 Bit x 4 Banks
Synchronous DRAM
FEATURES
JEDEC standard 3.3V power supply
LVTTL compatible with multiplexed address
Four banks operation
MRS cycle with address key programs
- CAS Latency ( 2 & 3 )
- Burst Length ( 1, 2, 4, 8 & full page )
- Burst Type ( Sequential & Interleave )
All inputs are sampled at the positive going edge of the
system clock
DQM for masking
Auto & self refresh
15.6μs refresh interval
ORDERING INFORMATION
Product ID
Max Freq.
Package
Comments
M12L64322A-5TG2U
200MHz
86 TSOPII
Pb-free
M12L64322A-6TG2U
166MHz
86 TSOPII
Pb-free
M12L64322A-7TG2U
143MHz
86 TSOPII
Pb-free
M12L64322A-5BG2U
200MHz
90 BGA
Pb-free
M12L64322A-6BG2U
166MHz
90 BGA
Pb-free
M12L64322A-7BG2U
143MHz
90 BGA
Pb-free
GENERAL DESCRIPTION
The M12L64322A is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 524,288 words by 32 bits.
Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a
variety of high bandwidth, high performance memory system applications.
PIN CONFIGURATION (TOP VIEW)
(TSOPII 86L, 400milX875mil Body, 0.5mm Pin Pitch)
1
2
3
4
5
6
7
8
9
VDD
DQ 0
V DD Q
DQ 1
DQ 2
V SS Q
DQ 3
DQ 4
V DD Q
86
85
84
83
82
81
80
79
78
66
65
64
63
62
61
60
59
58
V SS
DQ 1 5
V SSQ
DQ 1 4
DQ 1 3
V DD Q
DQ 1 2
DQ 1 1
V SSQ
10
11
12
13
14
15
16
17
18
19
20
DQ 5
DQ 6
V SS Q
DQ 7
NC
VDD
DQ M0
WE
CA S
RA S
CS
77
76
75
74
73
72
71
70
69
68
67
DQ 1 0
DQ 9
V DD Q
DQ 8
NC
V SS
DQ M 1
NC
NC
CL K
CK E
NC
DQ 3 1
V DD Q
DQ 3 0
DQ 2 9
V SS Q
DQ 2 8
DQ 2 7
V DD Q
DQ 2 6
DQ 2 5
V SS Q
DQ 2 4
V SS
21
22
23
24
25
26
27
28
29
NC
BA0
BA1
A10/AP
A0
A1
A2
DQM2
V DD
30
31
32
33
34
35
36
37
38
39
NC
DQ 1 6
V SS Q
DQ 1 7
DQ 1 8
V DD Q
DQ 1 9
DQ 2 0
V SS Q
DQ 2 1
DQ 2 2
40
41
42
43
V DD Q
DQ2 3
V DD
A9
A8
A7
A6
A5
A4
A3
DQ M 3
V SS
57
56
55
54
53
52
51
50
49
48
47
46
45
44


Similar Part No. - M12L64322A-6TG2U

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L64322A-6TG ESMT-M12L64322A-6TG Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A-6TG ESMT-M12L64322A-6TG Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results

Similar Description - M12L64322A-6TG2U

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
   512K X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
   Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com