Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA3-B0-10-450-121-C Datasheet(PDF) 2 Page - Carling Technologies

Part # DA3-B0-10-450-121-C
Description  Circuit Breaker
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

DA3-B0-10-450-121-C Datasheet(HTML) 2 Page - Carling Technologies

  DA3-B0-10-450-121-C Datasheet HTML 1Page - Carling Technologies DA3-B0-10-450-121-C Datasheet HTML 2Page - Carling Technologies DA3-B0-10-450-121-C Datasheet HTML 3Page - Carling Technologies DA3-B0-10-450-121-C Datasheet HTML 4Page - Carling Technologies DA3-B0-10-450-121-C Datasheet HTML 5Page - Carling Technologies DA3-B0-10-450-121-C Datasheet HTML 6Page - Carling Technologies DA3-B0-10-450-121-C Datasheet HTML 7Page - Carling Technologies DA3-B0-10-450-121-C Datasheet HTML 8Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
60 Johnson Avenue • Plainville, CT 06062–1177 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
2 | D-Series Circuit Breaker - General Specifications
Environmental
Physical
Mechanical
Electrical
Designed and tested in accordance with requirements of
specification MIL-PRF-55629 & MIL-STD-202 as follows:
*Manufacturer reserves the right to change product specification without prior notice.
RESISTANCE PER POLE VALUES
from Line to Load Terminals
(Values Based on Series Trip Circuit Breaker)
Maximum Voltage
AC, 480 wye/277 VAC (See Table A),
50/60 Hz, 65VDC
Standard Current Coils 0.100, 0.250, 0.500, 0.750, 1.00,
2.50, 5.00, 7.50, 10.0, 15.0, 20.0,
25.0, 30.0, 35.0, 40.0 & 50.0.
Other ratings available -
consult factory.
Standard Voltage Coils DC - 6V, 12V; AC - 120V, other
ratings available, see ordering
scheme.
Insulation Resistance
Minimum of 100 Megohms at 500
VDC.
Dielectric Strength
UL, CSA: 1960 V 50/60 Hz for one
minute between all electrically
isolated terminals. D-Series circuit
breakers comply with the 8mm
spacing and 3750V 50/60 Hz
dielectric requirements from
hazardous voltage to operator
accessible surfaces and between
adjacent poles per Publications EN
60950 and VDE 0805.
Resistance, Impedance Values from Line to Load Terminal -
based on Series Trip Circuit Breaker
Endurance
10,000 ON-OFF operations @ 6 per
minute; with rated Current and
Voltage.
Trip Free
All D-Series Circuit Breakers will trip
on overload, even when actuator is
forcibly held in the ON position.
Trip Indication
The operating actuator moves
positively to the OFF position when
an overload causes the breaker to
trip.
Number of Poles
Rocker Type: 1-3; Handle Type: 1-4
Internal Circuit Config. Switch Only and Series Trip with
current or voltage trip coils.
Weight
Approximately 128 grams/pole
(Approximately 4.57 ounces/pole)
Standard Colors
Housing - Black; Actuator - See
Ordering Scheme.
Mounting
Mounts on a standard 35mm
Symmetrical DIN Rail (35 x 7.5 or 35
x 15mm per DIN EN5002).
Shock
Withstands 100 Gs, 6ms, sawtooth
while carrying rated current per
Method 213, Test Condition “I”.
Instantaneous and ultra-short curves
tested @ 90% of rated current.
Vibration
Withstands 0.060” excursion from
10-55 Hz, and 10 Gs 55-500 Hz,
at rated current per Method 204C,
Test Condition A. Instantaneous and
ultra-short curves tested at 90% of
rated current.
Moisture Resistance
Method 106D, i.e., ten 24-hour
cycles @ + 25°C to +65°C, 80-98%
RH.
Salt Spray
Method 101, Condition A (90-95%
RH @ 5% NaCl Solution, 96 hrs).
Thermal Shock
Method 107D, Condition A (Five
cycles @ -55°C to +25°C to +85°C to
+25°C).
Operating Temperature -40° C to +85° C
Pulse Tolerance Curves


Similar Part No. - DA3-B0-10-450-121-C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DA3-V11-M2 MSYSTEM-DA3-V11-M2 Datasheet
179Kb / 7P
   Plug-in Signal Conditioners M-UNIT
DA3-V11-M2/A MSYSTEM-DA3-V11-M2/A Datasheet
179Kb / 7P
   Plug-in Signal Conditioners M-UNIT
DA3-V11-M2/Q MSYSTEM-DA3-V11-M2/Q Datasheet
179Kb / 7P
   Plug-in Signal Conditioners M-UNIT
DA3-V11-P MSYSTEM-DA3-V11-P Datasheet
179Kb / 7P
   Plug-in Signal Conditioners M-UNIT
DA3-V11-P/A MSYSTEM-DA3-V11-P/A Datasheet
179Kb / 7P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - DA3-B0-10-450-121-C

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com