Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGN-365A01S-18-2AS Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # HGN-365A01S-18-2AS
Description  IEC 60320 INLET SOCKET WITH SINGLE OR DOUBLE FUSE HOLDER, SNAP-IN OR FLANGE MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-365A01S-18-2AS Datasheet(HTML) 2 Page - PowerDynamics, Inc

  HGN-365A01S-18-2AS Datasheet HTML 1Page - PowerDynamics, Inc HGN-365A01S-18-2AS Datasheet HTML 2Page - PowerDynamics, Inc HGN-365A01S-18-2AS Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CURRENT RATING (A):
= 01
= 02
= 03
= 04
= 06
= 08
= 10
TERMINAL:
= Q
= S
= W
FUSE OPTION:
= 1
= 2¦
QUICK CONNECT
SOLDER
WIRE
1 FUSE (5X20MM)
2 FUSE (5X20MM)
HGN-365A Series Example & Ordering Code
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
A
SCHEMATICS
MEDICAL
SCHEMATICS
1
2
3
* VDE submitted
8.0
3.0-3.6L
6.6
2.0-3.0L
S
OPTIONS:
= 0
= 5
= 6
= 7
= 8
= 9
NO BLEEDER RESISTOR & NO GROUND CHOKE
BLEEDER RESISTOR (1/4 W, 1M)
BLEEDER RESISTOR (1/2 W, 1M)
BLEEDER RESISTOR (1/4 W, 1M) & GROUND CHOKE
BLEEDER RESISTOR (1/2 W, 1M) & GROUND CHOKE
GROUND CHOKE (100µH)
COMPONENT LOCATIONS:
= 1
= 2)
= 3)
= 1M
= 2M)
STANDARD TYPE
WITH C(X) & C(Y) BEHIND L
WITHOUT C(X); C(Y) ONLY
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
ATTENUATION CODE TABLE:
Non-Medical applications, select Attenuation code with corresponding component values from the table.
= A
= B
= C
= D
= E
= F
= G
= H
= I
= J
= K
= M1
= M2
= M3
= M4
= M5
= M6
= M7
= M8
= M9
TYPE OF MOUNTING:
= BLANK
= T
= S
FLANGE MOUNT
SNAP-IN TABS - TOP BOTTOM
SNAP-IN TABS - SIDE
CX
L mH
L mH
Cy
L
L'
N'
G'
Cy
R
L
N
Fuse
Fuse
G
Lg
CX
L mH
L mH
L
Cy
L'
N'
G'
Cy
L
N
Fuse
Fuse
G
Lg
R
L mH
L mH
Cy
L
L'
N'
G'
Cy
L
N
Fuse
Fuse
G
Lg
R
CX
L mH
L mH
L
L'
N'
R
L
N
Fuse
Fuse
G
Lg
G'
CX
L mH
L mH
L
L'
N'
G'
L
N
Fuse
Fuse
G
Lg
R
2M
1M
Cap C(x) 1A (mH) 2A (mH) 3A (mH) 4A (mH) 6A (mH)
8A (mH) 10A (mH)
0.1µF
6.5
3.8
2.5
1.6
0.8
1.05
0.2
0.015µF
1.9
1.5
1.1
0.8
0.6
*
0.3
0.1µF
3.7
2.7
1.8
1.3
*
*
0.3
0.1µF
*
4.2
*
1.7
*
*
*
0.047µF
4.6
3.4
2.5
1.4
0.9
*
0.3
0.033µF
9.5
4.3
1.8
1.2
0.85
*
0.3
0.22µF
6.5
4.0
2.5
2.0
0.8
1.05
0.3
0.047µF
10.5
4.0
1.2
0.9
0.53
*
*
0.033µF
5.0
3.7
*
1.1
0.6
*
0.2
Medical applications, select Attenuation code with corresponding component values from the table.
Cap C(x) Cap C(y)
1A (mH) 2A (mH) 3A (mH) 4A (mH) 6A (mH) 8A (mH) 10A (mH)
0.1µF
2200pF
6.5
3.8
2.5
1.6
0.8
1.05
0.2
0.015µF
3300pF
1.9
1.5
1.1
0.8
0.6
*
0.3
0.1µF
3300pF
3.7
2.7
1.8
1.3
0.8
1.05
0.3
0.1µF
1000pF
10.5
4.2
2.5
1.7
1.05
*
0.3
0.047µF
3300pF
4.6
3.4
2.5
1.4
0.9
*
0.3
0.033µF
3300pF
9.5
4.3
1.8
1.2
0.85
*
0.3
0.22µF
2200pF
6.5
4.0
2.5
2.0
0.85
1.05
0.3
0.22µF
3300pF
6.5
4.0
2.5
2.0
0.85
1.05
0.3
0.047µF
2200pF
10.5
4.0
1.2
0.9
0.53
*
0.3
0.033µF
2200pF
5
3.7
1.8
1.1
0.6
*
0.2
*
*
10.5
6.5
2.5
2.7
1.05
*
0.3
)
Contact PDI for attenuation numbers
¦
Flange mount only
*
Contact PDI for availability
-
-
01 Q
1
5
1
HGN-365A
71
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - HGN-365A01S-18-2AS

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F1 POWERDYNAMICS-HGN-365-1M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-1M-F2 POWERDYNAMICS-HGN-365-1M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F1 POWERDYNAMICS-HGN-365-2M-F1 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365-2M-F2 POWERDYNAMICS-HGN-365-2M-F2 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
More results

Similar Description - HGN-365A01S-18-2AS

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
42R33-3X2X-XXX POWERDYNAMICS-42R33-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R31-3X1X-XXX POWERDYNAMICS-42R31-3X1X-XXX Datasheet
48Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SCREW TERMINALS; SNAP-IN
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
42R32-3XXX-XXX POWERDYNAMICS-42R32-3XXX-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; QUICK CONNECT TERMINALS; SNAP-IN
42R31-1X1X POWERDYNAMICS-42R31-1X1X Datasheet
46Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET SCREW TERMINALS; SIDE FLANGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com