Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKL8CDSTB103F Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # RKL8CDSTB103F
Description  thick film SIP resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RKL8CDSTB103F Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  RKL8CDSTB103F Datasheet HTML 1Page - KOA Speer Electronics, Inc. RKL8CDSTB103F Datasheet HTML 2Page - KOA Speer Electronics, Inc. RKL8CDSTB103F Datasheet HTML 3Page - KOA Speer Electronics, Inc. RKL8CDSTB103F Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RKC, RKH, RKL
thick film SIP resistors
Part
Designation
Operating
Temperature
Range
Rated
Ambient
Temperature
Circuit
Symbol
applications and ratings
Number
of Pins
125mW
250mW
125mW
20mW
40mW
125mW
200mW
125mW
250mW
500mW
250mW
0.1W
0.125W
0.25W
0.5W
1W
3-16
5-13
5-14
4-14
5-13
5-13
4-16
4-16
6-11
5-9
3-12
5-11
5-12
3-12
5-11
5-11
4-12
4-11
4-13
5-13
5-12
4-12
5-13
5-13
4-12
5-11
3-12
4-14
3-16
4-13
4-12
B
C
D
A
T
E
S
R
L
K
B
C
D
A
T
E
S
R
B
C
D
A
T
E
S
R
RKL
RKC
(1.8 pitch)
RKC
(2.54 pitch)
RKH
RKS
(2.0 pitch)
RKC
RKL
RKH
Custom
Power
Rating/
Element
±200
±200
±200
±200
±100
±150
±200
T.C.R.
(ppm/°C)
Max.
22-2.2M (E24)
100-100k (E24)
R=2.5k, 5k
10k, 25k
50k, 100k
R1(MSB):100 Min
Rn(LSB):1M Max
22-1M (E24)
100-100k (E24)
56-2.2M (E24)
100-100k (E24)
10-1M
Resistance
Range (Ω)
Maximum
Working
Voltage
Resistance
Tolerance
F: ±1%
G: ±2%
J: ±5%
G: ±2%
J: ±5%
±1/2LSB
(Bit Error)
±1/2LSB
(Bit Error)
F: ±1%
G: ±2%
J: ±5%
G: ±2%
J: ±5%
F: ±1%
G: ±2%
J: ±5%
G: ±2%
J: ±5%
±0.5%
±1%
±2%
±5%
+70°C
+70°C
+70°C
+70°C
+70°C
-55°C
to
+155°C
-55°C
to
+125°C
-55°C
to
+125°C
-55°C
to
+155°C
-55°C
to
+125°C
200V
20V
100V
250V
100V
50V
200V
250V
100V
103
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
Rated voltage = power rating X resistance value or max. working voltage, whichever is lower.


Similar Part No. - RKL8CDSTB103F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKL8CD KOA-RKL8CD Datasheet
151Kb / 4P
   thick film SIP resistors
More results

Similar Description - RKL8CDSTB103F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RKC3BD KOA-RKC3BD Datasheet
151Kb / 4P
   thick film SIP resistors
logo
Bourns Electronic Solut...
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4606X BOURNS-4606X_11 Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4604X BOURNS-4604X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4608X BOURNS-4608X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4609X BOURNS-4609X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4610X BOURNS-4610X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4607X BOURNS-4607X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4611X BOURNS-4611X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com