Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0438002.WR Datasheet(PDF) 3 Page - Littelfuse

Part # 0438002.WR
Description  Surface Mount Fuses Ceramic Fuse > 438 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0438002.WR Datasheet(HTML) 3 Page - Littelfuse

  0438002.WR Datasheet HTML 1Page - Littelfuse 0438002.WR Datasheet HTML 2Page - Littelfuse 0438002.WR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
438 Series
Ceramic Fuse > 438 Series
Please refer to www.littelfuse.com/series/438.html for current information.
Materials
Body: Advanced Ceramic
Terminations: Ag / Ni / Sn (100% Lead-free)
Element Cover Coating: Lead-free Glass
Moisture
Sensitivity Level
IPC/JEDECJ-STD-020C,Level1
Solderability
IPC/EIC/JEDECJ-STD-002B,ConditionB
Humidity
MIL-STD-202,Method103B,ConditionsD
Resistance to
Solder Heat
MIL-STD-202,Method210F,ConditionB
Product Characteristics
Moisture Resistance
MIL-STD-202, Method 106G
Thermal Shock
MIL-STD-202, Method 107G,
ConditionB-3
Mechanical Shock
MIL-STD-202,Method213B,
Condition A
Vibration
MIL-STD-202, Method 201A
Vibration,
High Frequency
MIL-STD-202, Method 204D,
Condition D
Dissolution of
Metallization
IPC/EIC/JEDECJ-STD-002B,
Condition D
Terminal Strength
IEC60127-4
Dimensions
1.54 ± 0.150
[0.061 ± 0.006]
0.74
[0.029]
1.00
[0.039]
1.94
[0.076]
0.60
[0.024]
0.502 ± 0.080
[0.020 ± 0.003]
0.530 +/- 0.150
[0.021 +/- 0.006]
0.85 ± 0.150
[0.033 ± 0.006]
0.432 +/- 0.150
[0.017 +/- 0.006]
Packaging
Part Marking System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
8mm Tape and Reel
EIA-481,IEC60286,Part3
3000
WR
Part Numbering System
0438 005. W R
SERIES
AMP CODE
QUANTITY CODE
PACKING CODE
W = 3000 pcs
R=ReelPack
Amp Code
Marking Code
.250
D
.375
E
.500
F
.750
G
001.
H
1.25
J
01.5
K
1.75
L
002.
N
02.5
O
003.
P
03.5
R
004.
S
005.
T
006.
U


Similar Part No. - 0438002.WR

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0438000000 WEIDMULLER-0438000000 Datasheet
49Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
0438000000 WEIDMULLER-0438000000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
logo
Littelfuse
0438001.WR LITTELFUSE-0438001.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438003.WR LITTELFUSE-0438003.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438004.WR LITTELFUSE-0438004.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
More results

Similar Description - 0438002.WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0438.750WR LITTELFUSE-0438.750WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438005.WR LITTELFUSE-0438005.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.250WR LITTELFUSE-0438.250WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
043802.5WR LITTELFUSE-043802.5WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438006.WR LITTELFUSE-0438006.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
043801.5WR LITTELFUSE-043801.5WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
043803.5WR LITTELFUSE-043803.5WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.500WR LITTELFUSE-0438.500WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438.375WR LITTELFUSE-0438.375WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0438003.WR LITTELFUSE-0438003.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com