Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK18N65 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOK18N65
Description  650V,18A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK18N65 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOK18N65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK18N65 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AOK18N65
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
toff
Vdd
Vgs
Id
+
L
Vgs
Vds
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
DSS
2
E = 1/2 LI AR
AR
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
toff
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Tes t Circuit & Waveforms
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
trr
AR
AR
Rev0: Dec 2011
www.aosmd.com
Page 5 of 5


Similar Part No. - AOK18N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK18N65 ISC-AOK18N65 Datasheet
422Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOK18N65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF18N65 AOSMD-AOTF18N65 Datasheet
365Kb / 5P
   650V,18A N-Channel MOSFET
logo
Unisonic Technologies
18N65 UTC-18N65 Datasheet
182Kb / 4P
   18A, 650V N-CHANNEL POWER MOSFET
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com