Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOK20S60 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOK20S60
Description  600V 20A a MOS Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK20S60 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOK20S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOK20S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOK20S60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
0
25
50
75
100
125
150
TCASE (°C)
Figure 13: Current De-rating (Note B)
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 14: Normalized Maximum Transient Thermal Impedance for AOK20S60 (Note F)
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
RθJC=0.47°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
0
40
80
120
160
200
25
50
75
100
125
150
175
TCASE (°C)
Figure 12: Avalanche energy
Ton
T
PD
Rev 0: Jan 2012
www.aosmd.com
Page 5 of 6


Similar Part No. - AOK20S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOK20S60 ISC-AOK20S60 Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
   600V 20A a MOS
logo
Inchange Semiconductor ...
AOK20S60L ISC-AOK20S60L Datasheet
422Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOK20S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB20S60 AOSMD-AOB20S60 Datasheet
330Kb / 7P
   600V 20A a MOS Power Transistor
AOB20S60L AOSMD-AOB20S60L Datasheet
330Kb / 7P
   600V 20A a MOS TM Power Transistor
AOW20S60 AOSMD-AOW20S60 Datasheet
284Kb / 6P
   600V 20A a MOS TM Power Transistor
AOT20S60L AOSMD-AOT20S60L Datasheet
519Kb / 7P
   600V 20A a MOS
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
   600V 20A a MOS
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
   600V 7A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
   600V 7A a MOS Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com