Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0440007.WR Datasheet(PDF) 1 Page - Littelfuse

Part # 0440007.WR
Description  Surface Mount Fuses Ceramic Fuse > 440 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0440007.WR Datasheet(HTML) 1 Page - Littelfuse

  0440007.WR Datasheet HTML 1Page - Littelfuse 0440007.WR Datasheet HTML 2Page - Littelfuse 0440007.WR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
Please refer to www.littelfuse.com/series/440.html for current information.
440 Series
Ceramic Fuse > 440 Series
440 Series, 1206 High I2t Fuse
Description
The 440 Series is a 100% Lead-free, RoHS compliant and
Halogen-free fuse series designed specifically to provide
over-current protection to circuits that operate under high
working ambient temperatures up to 150ºC and high inrush
currents.
The general design ensures excellent temperature stability
and performance reliability.
This high I2t fuse series is designed to have ultra high
inrush current withstand capability to avoid nuisance fuse
open.
Agency Approvals
Agency
Agency File number
Ampere rAnge
e10480
.25A - 8A
lr 29862
.25A - 8A
Features
Electrical Characteristics for Series
• OperatingTemperature
from -55ºC to +150ºC
• 100%Lead-free,RoHS
compliant and Halogen-
free
• Suitableforbothleaded
and lead-free reflow /
wave soldering
• UltrahighI2t values
% of Ampere
rating
Ampere rating
OpeningTime at 25ºc
100%
0.25A - 8A
4 hours, Minimum
350%
0.25A - 8A
5 secs., Maximum
Applications
Ampere
rating
(A)
Amp
code
max.
Voltage
rating (V)
interrupting rating
(Ac/Dc)1
nominal
resistance
(Ohms)2
nominal
melting i2t
(A2Sec.)3
nominal Voltage
Drop At rated
current (V)4
nominal power
Dissipation At
rated current (W)
Agency Approvals
0.25
.250
125
50 A @ 125 V AC/DC
2.140
0.00649
0.5260
0.132
x
X
0.375
.375
125
1.216
0.01455
0.4993
0.187
x
X
0.5
.500
63
50 A @ 63 V AC/DC
0.8140
0.02642
0.4831
0.242
x
X
0.75
.750
63
50 A @ 63 V AC/DC
0.4624
0.09312
0.3983
0.299
x
X
1
001.
50
50 A @ 50 V DC
50 A @ 50 V AC
0.3096
0.21054
0.3457
0.346
x
X
1.25
1.25
50
0.2268
0.40200
0.3240
0.405
x
X
1.5
01.5
50
0.1759
0.50652
0.3215
0.482
x
X
1.75
1.75
32
50 A @ 32 V AC/DC
0.04518
0.3312
0.0777
0.136
x
X
2
002.
32
0.03802
0.4326
0.0792
0.158
x
X
2.5
02.5
32
0.02850
0.8191
0.0747
0.187
x
X
3
003.
32
0.02252
1.232
0.0742
0.223
x
X
3.5
03.5
32
0.01845
1.789
0.0757
0.265
x
X
4
004.
32
0.01553
2.601
0.0709
0.284
x
X
5
005.
32
0.01164
4.761
0.0654
0.327
x
X
7
007.
32
0.00753
8.464
0.0696
0.487
x
X
8
008.
32
0.00634
12.95
0.0655
0.524
x
X
Electrical Specifications by Item
Notes:
1. AC Interrupting Rating tested at rated voltage with unity power factor. DC Interrupting
Rating tested at rated voltage with time constant < 0.8 msec.
2. Nominal Resistance measured with < 10% rated current.
3. Nominal Melting I²t measured at 1 msec. opening time.
4. Nominal Voltage Drop measured at rated current after temperature has stabilized.
• AutomotiveElectronics
• LCDDisplays
• Servers
• NotebookComputers
• Printers
• Scanners
• DataModems
• HardDiskDrives
Devices designed to carry rated current for 4 hours minimum. It is recommended that
devices be operated continuously at no more than 80% rated current. See “Temperature
Derating Curve”for additional derating information.
Devices designed to be mounted with marking code facing up.
Revised: June 23, 2011


Similar Part No. - 0440007.WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0440001.WR LITTELFUSE-0440001.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440002.WR LITTELFUSE-0440002.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440003.WR LITTELFUSE-0440003.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440004.WR LITTELFUSE-0440004.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440005.WR LITTELFUSE-0440005.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
More results

Similar Description - 0440007.WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0440.250WR LITTELFUSE-0440.250WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440.375WR LITTELFUSE-0440.375WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440.750WR LITTELFUSE-0440.750WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
044001.5WR LITTELFUSE-044001.5WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440001.WR LITTELFUSE-0440001.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440004.WR LITTELFUSE-0440004.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
0440005.WR LITTELFUSE-0440005.WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
044002.5WR LITTELFUSE-044002.5WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
044003.5WR LITTELFUSE-044003.5WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
04401.25WR LITTELFUSE-04401.25WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com