Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGN-375B01S-35-2MM3 Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # HGN-375B01S-35-2MM3
Description  FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-375B01S-35-2MM3 Datasheet(HTML) 2 Page - PowerDynamics, Inc

  HGN-375B01S-35-2MM3 Datasheet HTML 1Page - PowerDynamics, Inc HGN-375B01S-35-2MM3 Datasheet HTML 2Page - PowerDynamics, Inc HGN-375B01S-35-2MM3 Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HGN-375(A,B,C) Series Example & Ordering Code
HGN-375
CURRENT RATING (A):
= 01
= 02
= 03
= 04
= 06
= 10**
TERMINAL:
= Q
= S
= W
OPTIONS:
= 0
= 5
= 6
= 7©
= 8©
= 9©
QUICK CONNECT
SOLDER
WIRE
-
-
NO BLEEDER RESISTOR & NO GROUND CHOKE
BLEEDER RESISTOR (1/4 W, 1M)
BLEEDER RESISTOR (1/2 W, 1M)
BLEEDER RESISTOR (1/4 W, 1M) & GROUND CHOKE
BLEEDER RESISTOR (1/2 W, 1M) & GROUND CHOKE
GROUND CHOKE (400µH)
COMPONENT LOCATIONS:
= 1
= 2)
= 1M
= 2M)
STANDARD TYPE
STANDARD TYPE; ADDITIONAL C(X) BEHIND L
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); ADDITIONAL C(X) BEHIND L
6.3/0.25
4.0/0.187
UL 1015, 18AWG
STRANDED, 4”
01 Q
1
5
1
SCHEMATICS
MEDICAL
SCHEMATICS
ATTENUATION CODE TABLE:
Capacitor C(x)
1A (mH)
2A (mH)
3A (mH)
4A (mH)
6A (mH)
10A (mH)
0.1µF
6.5
3.8
2.5
1.6
0.8
0.2
0.1µF
3.7
2.7
1.8
1.3
0.8
0.3
0.22µF
7.5
5.5
2.5
2.0
0.8
0.4
0.22µF
10.5
6.5
2.5
2.7
1.05
0.4
Medical applications, select Attenuation code with corresponding component values from the table.
Non-Medical applications, select Attenuation code with corresponding component values from the table.
Capacitor C(x) Capacitor C(y) 1A (mH)
2A (mH)
3A (mH)
4A (mH)
6A (mH)
10A (mH)
0.1µF
2200pF
6.5
3.8
2.5
1.6
0.8
0.2
0.1µF
3300pF
3.7
2.7
1.8
1.3
0.8
0.3
0.22µF
2200pF
7.5
5.5
2.5
2.0
0.8
0.4
0.22µF
3300pF
10.5
6.5
2.5
2.7
1.05
0.4
= A
= B
= C
= D
1
2
1M
2M
= M1
= M2
= M3
= M4
8.0
3.0-3.6L
6.6
2.0-3.0L
A
FUSE & SWITCH
OPTIONS:
= 1
= 2
= 3
= 4
= 5
= 6
BLACK, NON-ILLUMINATED SWITCH, 1 FUSE (5X20MM)
BLACK, NON-ILLUMINATED SWITCH, 2 FUSE (5X20MM)
RED ILLUMINATED SWITCH, 1 FUSE (5X20MM)
RED ILLUMINATED SWITCH, 2 FUSE (5X20MM)
GREEN ILLUMINATED SWITCH, 1 FUSE (5X20MM)
GREEN ILLUMINATED SWITCH, 2 FUSE (5X20MM)
CX
G
L mH
L mH
Cy
L
L'
N'
G'
Lg
Cy
R
FUSE
L
N
FUSE
CX
G
L mH
L mH
L
L'
N'
Lg
R
FUSE
L
N
FUSE
G'
CX
G
L mH
L mH
L
R
FUSE
L
N
FUSE
L'
N'
G'
Cy
Cy
CX
CX
L mH
L mH
L
R
FUSE
L
N
FUSE
L'
N'
CX
G'
G
)
Contact PDI for attenuation numbers
**UL and cUL approved to 10A; VDE approved
to 6.3A
©
Not available for Schematic 2 & 2M
OPTIONS:
A
CASE CODE:
= A
= B
= C
FLANGE MOUNT, SIDES
FLANGE MOUNT, TOP/BOTTOM
SNAP-IN
82
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - HGN-375B01S-35-2MM3

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-10M-F1 POWERDYNAMICS-HGN-375-10M-F1 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-10M-F2 POWERDYNAMICS-HGN-375-10M-F2 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-1M-F1 POWERDYNAMICS-HGN-375-1M-F1 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-1M-F2 POWERDYNAMICS-HGN-375-1M-F2 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
More results

Similar Description - HGN-375B01S-35-2MM3

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-367A POWERDYNAMICS-HGN-367A Datasheet
125Kb / 2P
   FUSED WITH DISTANCE SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
44R01-X131-XXX POWERDYNAMICS-44R01-X131-XXX Datasheet
61Kb / 1P
   IEC 60320 STRIP APPL. INLET & OUTLET SNAP IN, QC TERM., 5x20mm FUSE HOLDER
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com