Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON2400 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON2400
Description  8V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON2400 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON2400 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON2400 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON2400 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON2400 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON2400 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AON2400
8V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=4.5V)
8A
RDS(ON) (at VGS = 2.5V)
< 11m
RDS(ON) (at VGS = 1.8V)
< 13m
RDS(ON) (at VGS = 1.5V)
< 16m
RDS(ON) (at VGS = 1.2V)
< 23m
Symbol
VDS
Parameter
The AON2400 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.
V
Maximum
Units
8V
Drain-Source Voltage
8
Absolute Maximum Ratings TA=25°C unless otherwise noted
G
D
S
DFN 2x2B
Top View
Bottom View
Pin 1
D
D
G
D
D
S
D
S
Pin 1
VDS
VGS
IDM
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
W
TA=25°C
TA=70°C
1.8
2.8
TA=100°C
±5
Power Dissipation
A
32
Pulsed Drain Current
C
PD
6
°C
Thermal Characteristics
Typ
Max
-55 to 150
Units
Junction and Storage Temperature Range
Parameter
Maximum Junction-to-Ambient
A
°C/W
RθJA
37
66
°C/W
Maximum Junction-to-Ambient
A D
80
45
V
A
Continuous Drain
Current
G
ID
TA=25°C
8
Gate-Source Voltage
Drain-Source Voltage
8
V
Rev 0 : April. 2012
www.aosmd.com
Page 1 of 5


Similar Part No. - AON2400

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
   8V P-Channel MOSFET
AON2403 AOSMD-AON2403 Datasheet
227Kb / 5P
   12V P-Channel MOSFET
AON2405 AOSMD-AON2405 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AON2406 AOSMD-AON2406 Datasheet
252Kb / 5P
   20V N-Channel MOSFET
AON2407 AOSMD-AON2407 Datasheet
265Kb / 5P
   30V P-Channel MOSFET
More results

Similar Description - AON2400

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
   8V N-Channel MOSFET
AOC2422 AOSMD-AOC2422 Datasheet
244Kb / 5P
   8V N-Channel MOSFET
AOC2421 AOSMD-AOC2421 Datasheet
257Kb / 5P
   8V P-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
   8V P-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G_15 Datasheet
499Kb / 5P
   8V P-Channel Enhancement-Mode MOSFET
logo
IXYS Corporation
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
   8V Output Solar Cell
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com