Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51221EDR16G Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS51221EDR16G
Description  Enhanced Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221EDR16G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS51221EDR16G Datasheet HTML 3Page - ON Semiconductor CS51221EDR16G Datasheet HTML 4Page - ON Semiconductor CS51221EDR16G Datasheet HTML 5Page - ON Semiconductor CS51221EDR16G Datasheet HTML 6Page - ON Semiconductor CS51221EDR16G Datasheet HTML 7Page - ON Semiconductor CS51221EDR16G Datasheet HTML 8Page - ON Semiconductor CS51221EDR16G Datasheet HTML 9Page - ON Semiconductor CS51221EDR16G Datasheet HTML 10Page - ON Semiconductor CS51221EDR16G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CS51221
http://onsemi.com
7
VCC
+
+
+
VREF = 3.3 V
UV Lockout
Start/Stop
UVL
ENABLE
VREF OK
3.1 V
3.3 V
Thermal
Shutdown
2.0 mA (maximum load current)
Low Sat
Gate Driver
13.5 V
S
R
Q
Q
G1
OSC
G2
+
VBG
(1.263 V)
EAMP
+
3.0 V
2.0 V to 1.0 V Trip Points
+
Max Duty Cycle
(Sat Sense)
+
PWM
Comp
Soft−Start Clamp
SS to 1.8 V Max
FF Discharge
G3
+
150 ns
Blank
DISABLE
ILIM
+
Max SS
Det
(Sat Sense)
VREF
50
mA
G4
3.0 V
+
Latching
Discharge
+
1.0 V
2.0 V
OV Monitor
UV Monitor
5.0
mA
VREF
VC
GATE
PGND
LGND
SS
OV
UV
SYNC
RTCT
VFB
COMP
FF
ISENSE
ISET
VO Off
ON
Figure 2. Block Diagram


Similar Part No. - CS51221EDR16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Similar Description - CS51221EDR16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com