Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9857
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857 Datasheet(HTML) 2 Page - Analog Devices

  AD9857 Datasheet HTML 1Page - Analog Devices AD9857 Datasheet HTML 2Page - Analog Devices AD9857 Datasheet HTML 3Page - Analog Devices AD9857 Datasheet HTML 4Page - Analog Devices AD9857 Datasheet HTML 5Page - Analog Devices AD9857 Datasheet HTML 6Page - Analog Devices AD9857 Datasheet HTML 7Page - Analog Devices AD9857 Datasheet HTML 8Page - Analog Devices AD9857 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
REV. 0
–2–
AD9857–SPECIFICATIONS
(VS = 3.3 V
5%, RSET = 1.96 k , External reference clock frequency = 10 MHz
with REFCLK Multiplier enabled at 20 ).
Test
AD9857
Parameter
Temp
Level
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier Disabled
Full
VI
1
200
MHz
REFCLK Multiplier Enabled at 4
×
Full
VI
1
50
MHz
REFCLK Multiplier Enabled at 20
×
Full
VI
1
10
MHz
Input Capacitance
25
°CV
3
pF
Input Impedance
25
°C
V
100
M
Duty Cycle
25
°CV
50
%
Duty Cycle with REFCLK Multiplier Enabled,
Voltage Mode
25
°C
V
35
65
%
Duty Cycle, Current Mode
25
°CV
50
%
DAC OUTPUT CHARACTERISTICS
Resolution
14
Bits
Full-Scale Output Current
5
10
20
mA
Gain Error
25
°C
I
8.5
0
% FS
Output Offset
25
°CI
2
µA
Differential Nonlinearity
25
°C
V
1.6
LSB
Integral Nonlinearity
25
°C
V
2
LSB
Output Capacitance
25
°CV
5
pF
Residual Phase Noise @ 1 kHz Offset, 40 MHz AOUT
REFCLK Multiplier Enabled at 20
×
25
°C
V
–107
dBc/Hz
REFCLK Multiplier at 4
×
25
°C
V
–123
dBc/Hz
REFCLK Multiplier Disabled
25
°C
V
–145
dBc/Hz
Voltage Compliance Range
25
°C
I
–0.5
+1.0
V
Wideband SFDR
1 MHz–20 MHz Analog Out
25
°C
V
–75
dBc
20 MHz–40 MHz Analog Out
25
°C
V
–65
dBc
40 MHz–60 MHz Analog Out
25
°C
V
–62
dBc
60 MHz–80 MHz Analog Out
25
°C
V
–60
dBc
Narrowband SFDR
10 MHz Analog Out (
±1 MHz)
25
°C
V
–87
dBc
10 MHz Analog Out (
±250 kHz)
25
°C
V
–88
dBc
10 MHz Analog Out (
±50 kHz)
25
°C
V
–92
dBc
10 MHz Analog Out (
±10 kHz)
25
°C
V
–94
dBc
65 MHz Analog Out (
±1 MHz)
25
°C
V
–86
dBc
65 MHz Analog Out (
±250 kHz)
25
°C
V
–86
dBc
65 MHz Analog Out (
±50 kHz)
25
°C
V
–86
dBc
65 MHz Analog Out (
±10 kHz)
25
°C
V
–88
dBc
80 MHz Analog Out (
±1 MHz)
25
°C
V
–85
dBc
80 MHz Analog Out (
±250 kHz)
25
°C
V
–85
dBc
80 MHz Analog Out (
±50 kHz)
25
°C
V
–85
dBc
80 MHz Analog Out (
±10 kHz)
25
°C
V
–86
dBc
MODULATOR CHARACTERISTICS (65 MHz AOUT)
(Input Data: 2.5 MS/s, QPSK, 4
× Oversampled,
INV SINC ON, INV CIC ON))
I/Q Offset
25
°CIV
55
65
dB
Error Vector Magnitude
25
°C
IV
0.4
1
%
INVERSE SINC FILTER (Variation in Gain from
DC to 80 MHz, Inverse SINC Filter ON
25
°CV
±0.1
dB
SPURIOUS POWER (Off Channel, Measured in
Equivalent Bandwidth), Full-Scale Output
6.4 MHz Bandwidth
25
°C
IV
–65
dBc
3.2 MHz Bandwidth
25
°C
IV
–67
dBc
1.6 MHz Bandwidth
25
°C
IV
–69
dBc
0.8 MHz Bandwidth
25
°C
IV
–69
dBc
0.4 MHz Bandwidth
25
°C
IV
–70
dBc
0.2 MHz Bandwidth
25
°C
IV
–72
dBc


Similar Part No. - AD9857

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9857 AD-AD9857 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9857/PCB AD-AD9857/PCB Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857/PCB AD-AD9857/PCB Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9857AST AD-AD9857AST Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857AST AD-AD9857AST Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
More results

Similar Description - AD9857

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856 Datasheet
429Kb / 32P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. B
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
   1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
REV. 0
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com