Electronic Components Datasheet Search |
|
HGN-375A01S-35-2M4 Datasheet(PDF) 1 Page - PowerDynamics, Inc |
|
HGN-375A01S-35-2M4 Datasheet(HTML) 1 Page - PowerDynamics, Inc |
1 / 3 page Specifications subject to change without notice. Dimensions (mm). See Appendix A for recommended power cord. See PDI full line catalog for detailed specifications on power cords. MECHANICAL DIMENSIONS (Unit: mm) CASE A CASE B CASE C MECHANICAL DIMENSIONS FEATURES The HGN-375(A, B, C) series offers filters in three different package styles - Flange mount (sides), Flange mount (top/ bottom), & snap-in type. This cost effective series offers more component options with better performance in curbing common and differential mode noise. These filters are equipped with IEC connector, fuse holder for one or two 5 x 20 mm fuses, 2 pole on/off switch and fully enclosed metal housing. These filters are also available for Medical equipment with low leakage current and have been designed to bring various medical equipments into compliance with EN55011 and FCC Part 15J, Class B conducted emissions limits. APPLICATIONS Computer & networking equipment, Measuring & control equipment, Data processing equipment, laboratory instruments, Switching power supplies, other electronic equipment. TECHNICAL DATA • Rated Voltage: 125/250VAC • Rated Current: 1A, 2A, 3A, 4A, 6A, 10A • Power Line Frequency: 50/60Hz • Max. Leakage Current each Line to Ground: @ 115VAC 60Hz: 0.5mA, max @ 250VAC 50Hz: 1.0mA, max @ 125VAC 60Hz: 2µA*, max @ 250VAC 50Hz: 5µA*, max • Hipot Rating (one minute) Line to Ground: 2250VDC Line to Line: 1450VDC • Temperature Range: -25C to +85C * Medical application (Unit: mm) FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM) HGN-375(A,B,C) 29 6.3 TYP. 72.0 60.8 R2.5 TYP. RECOMMENDED PANEL CUTOUT (MOUNT FROM FRONT) 29.3 2x 3.5 +0.5 +0.5 +0.1 59.8 48.7 (3.5) 82 72 2x 3.3 Use only with a 250V fuse Employer uniquement avec un fusible de 250V 29 6.3 TYP. R2.5 TYP. 29.3 61.4 +0.5 +0.3 SUGGESTED PANEL CUTOUT (MOUNTING FROM FRONT) THICKNESS OF PANEL IS FROM 1.00mm to 1.6mm 59.8 (56.2) 48.7 (3.5) (61.3) 28 65 32 59.5 Use only with a 250V fuse Employer uniquement avec un fusible de 250V 49.83 32.45 65.4 40+--0.2 O Use only with a 250V Fuse Employer uniqement avec un fusible de 250V 60.0 49.37 3.5 55.04 60.71 4x R0.5 2x M3 61.5 81 145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076 e-mail: filtersales@powerdynamics.com • www.powerdynamics.com |
Similar Part No. - HGN-375A01S-35-2M4 |
|
Similar Description - HGN-375A01S-35-2M4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |