Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1B103G31H2R Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # TSM1B103G31H2R
Description  NTC Thermistors SMD Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TSM1B103G31H2R Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  TSM1B103G31H2R Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TSM1B103G31H2R Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION TSM1B103G31H2R Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
1. EIA size 0402, 0603, 0805, 1206
2. Highly reliable monolithic structure
3. Wide resistance range
4. Cost effective
5. Agency recognition: UL
PART NUMBERING SYSTEM
TSM
2
A
104
H
39
H
2
R
Meritek Series
Size
CODE
1
2
0603
0805
Beta Value
CODE
A
B
B25/85
B25/50
Part No. (R25)
CODE
102
103
1K
10K
Tolerance of Resistor
CODE
F
G
H
J
K
(%)
±1
±2
±3
±5
±10
Beta Value—first 2 digits
CODE
30
31
….
39
40
41
…..
30
31
….
39
40
41
….
Beta Value—last 2 digits
CODE
0
A
1
… 2
D
5
F
….
H
H
00
05
10
… 20
35
50
55
….
75
75
Tolerance of Beta Value
CODE
1
2
3
(%)
± 1
± 2
± 3
Standard Packaging
CODE
R
B
Reel
Bulk
Dimensions
UL E223037
MERITEK
NTC Thermistors
TSM Series
SMD Thermistors
Part no.
Size
L nor.
W nor.
T max.
min.
TSM0
0402
1.00±0.15 0.50±0.10
0.60
0.2
TSM1
0603
1.60±0.15 0.80±0.15
0.95
0.3
TSM2
0805
2.00±0.20 1.25±0.20
1.20
0.4
TSM3
1206
3.20±0.30 1.60±0.20
1.50
0.5
Specifications are subject to change without notice.
rev.6a


Similar Part No. - TSM1B103G31H2R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM100 STMICROELECTRONICS-TSM100 Datasheet
55Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
logo
StarHope
TSM100 SPSEMI-TSM100 Datasheet
826Kb / 2P
   Surface Mount Devices
logo
STMicroelectronics
TSM100I STMICROELECTRONICS-TSM100I Datasheet
55Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
TSM100ID STMICROELECTRONICS-TSM100ID Datasheet
55Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
logo
Taiwan Semiconductor Co...
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
   60V N-Channel Power MOSFET
More results

Similar Description - TSM1B103G31H2R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com