Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402HL-681XJR Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402HL-681XJR
Description  Higher inductance values than other 0402 ceramic chip inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HL-681XJR Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402HL-681XJR Datasheet HTML 1Page - Coilcraft lnc. 0402HL-681XJR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Inductors – 0402HL (1005)
Document 913-1
Document 913-1 Revised 10/04/11
Inductance2 SRF typ3 DCR max4 Irms5
Part number1 ±5% (nH)
(MHz)
(Ohms)
(mA)
0402HL-271XJR_
270
590
1.95
190
0402HL-301XJR_
300
600
2.15
190
0402HL-331XJR_
330
513
2.23
170
0402HL-361XJR_
360
485
2.36
170
0402HL-391XJR_
390
260
2.35
170
0402HL-471XJR_
470
220
2.67
160
0402HL-511XJR_
510
450
3.50
150
0402HL-561XJR_
560
420
3.70
140
0402HL-601XJR_
600
440
3.78
130
0402HL-681XJR_
680
380
5.15
120
0402HL-741XJR_
740
165
5.45
110
0402HL-821XJR_
820
385
5.85
90
1. When ordering, please specify
termination and packaging codes:
0402HL-821XJRW
Termination: R = RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper
tape (2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at 25 MHz using a Coilcraft SMD-F test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286
impedance analyzer.
3. SRF measured using Agilent/HP 8753D network analyzer and Coilcraft
SMD-D test fixture.
4. DCR measured on Cambridge Technology micro-ohmmeter and a
Coilcraft CCF858 test fixture.
5. Current that causes a 15°C temperature rise from 25°C ambient.
Because of their open construction, these parts will not saturate.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
•Higherinductancevaluesthanother0402ceramicchip
inductors
•12inductancevaluesfrom270nHto820nH
Amax Bmax Cmax
D
E
F
G
H
I
0.048 0.031
0.022 0.010 0.018 0.008 0.026 0.014 0.025 inches
1,22
0,79
0,56
0,25
0,46
0,20 0,66
0,36
0,64
mm
Core material Ceramic
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver-plati-
num-glass frit. Other terminations available at additional cost.
Weight 0.7 – 1.3 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +150 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 0.66 mm thick,
2 mm pocket spacing
PCB washing Only pure water or alcohol recommended


Similar Part No. - 0402HL-681XJR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP COILCRAFT-0402HP Datasheet
231Kb / 2P
   Chip Inductors
0402HP-10NXGLQ COILCRAFT-0402HP-10NXGLQ Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXGLU COILCRAFT-0402HP-10NXGLU Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXGLW COILCRAFT-0402HP-10NXGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-10NXJLW COILCRAFT-0402HP-10NXJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results

Similar Description - 0402HL-681XJR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
   Higher SRF than our other power inductors, High inductance with tight tolerance
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
   Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
   Available for ohmic values other than those listed
logo
Bourns Electronic Solut...
CW105550A BOURNS-CW105550A Datasheet
323Kb / 3P
   0402 Chip Inductors
logo
NIC-Components Corp.
NIS NIC-NIS Datasheet
74Kb / 3P
   0402/0603 Chip Inductors
logo
Advanced Thermal Soluti...
ATS-52230P-C1-R0 ATS-ATS-52230P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52270B-C1-R0 ATS-ATS-52270B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52290P-C1-R0 ATS-ATS-52290P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52300B-C1-R0 ATS-ATS-52300B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52310B-C1-R0 ATS-ATS-52310B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com