Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX81801 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX81801
Description  Serial/Parallel Modem with 3rd
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX81801 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX81801 Datasheet HTML 1Page - Synaptics Incorporated. CX81801 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004, Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. ThiS MATEriAl iS ProviDED AS iS AND wiThoUT
ANy ExPrESS or iMPliED wArrANTiES, iNClUDiNg MErChANTABiliTy, fiTNESS for A
PArTiCUlAr PUrPoSE AND NoN-iNfriNgEMENT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
08-2742
Embeded Dial-Up Modems
Controller-Based Modems
CX81801 Features
General Modem Features
• Data modem
- Quick Connect, Modem-on-Holdand PCM Upstream
functions (V.92 models)
- ITU-T V.92, V.90 (V.92 models), V.34 (V.92 and V.34 models),
V.32bis, V.32, V.22bis, V.22, V.23, and V.21; Bell 212A and Bell 103
- V.250 and V.251 commands
• FastPOS (V.29) and V.22 fast connect
• Data compression and error correction
- V.44 data compression
- V.42bis and MNP 5 data compression
- V.42 LAPM and MNP 2-4 error correction
• Fax modem send and receive rates up to 14.4 kbps
- V.17, V.29, V.27 ter, and V.21 channel 2
- EIA/TIA 578 Class 1 and T.31 Class 1.0
• V.80 synchronous access mode supports host-controlled
communication protocols with H.324 interface support
• Data/Fax/Voice call discrimination
• Worldwide operation
- Complies to TBR21 and other country requirements
- Caller ID detection for many countries
- Call progress, blacklisting
- Internal ROM includes default values for 29 countries
- Additional modified country profiles can be stored in internal SRAM
(all CX81801) or optional serial EEPROM (128-pin TQFP only)
• Caller ID detect
- On-hook Caller ID detection
- Off-hook Call Waiting Caller ID detection during data mode in V.92,
V.90, V.34, V.32bis, and V.32
• Distinctive ring detect
• Telephony/TAM
- V.253 commands
- 2-bit and 4-bit Conexant ADPCM, 8-bit linear PCM, and 4-bit IMA coding
- 8 kHz sample rate
- Concurrent DTMF, ring, and Caller ID detection
• Direct mode (serial DTE interface)
• Flow control and speed buffering
• Automatic format/speed sensing
• +3.3V operation with +5V tolerant digital inputs
General Modem Features (28-pin CTLGA only)
• Built-in host/DTE interface
- Serial ITU-T V.24 (EIA/TIA-232-E) logical interface up to 115.2 kbps
• Serial async/sync data
• Thin packages support low profile designs (1.0 mm max. height)
- CX81801 modem in 28-pin CTLGA
- CX20493 LSD in 28-pin QFN
• Typical power use
- 220 mW (Normal Mode); 56 mW (Sleep Mode)
General Modem Features (128-pin TQFP only)
• Interfaces to optional external ROM/flash ROM, RAM,
and/or optional serial EEPROM
- Supports custom firmware
• Modem customization available through patch code that
can be stored in optional serial EEPROM or internal SRAM
• Full-duplex speakerphone (FDSP) mode using optional CX20442
Voice Codec (S models)
- Microphone and speaker interface
- Telephone handset or headset interface
- Acoustic and line echo cancellation
- Microphone gain and muting
- Speaker volume control and muting
• Built-in host/DTE interface
- Serial ITU-T V.24 (EIA/TIA-232-E) logical interface up to 115.2 kbps
- Parallel 16550A UART-compatible interface up to 230.4 kbps
• Serial async/sync data; parallel async data
• Thin packages support low profile designs (1.6 mm max. height)
- CX81801 modem in 128-pin TQFP
- CX20493 LSD in 28-pin QFN or 20463 LSD in 32-pin TQFP
- CX20442 VC in 32-pin TQFP
• Typical power use
- CX81801 and CX20493: 220 mW (Normal Mode); 56 mW (Sleep Mode)
- CX81801 and 20463: 220 mW (Normal Mode); 56 mW (Sleep Mode)
- CX20442: 5 mW (Normal Mode)
SmartDAA Features
• System side powered DAA operates under poor line current
supply conditions
• Modem Wake-on-Ring
• Ring detection
• Line polarity reversal detection
• Line current loss detection
• Pulse dialing
• Line-in-use detection during on-hook operation
• Remote hang-up detection for efficient call termination
• Extension pickup detection
• Call waiting detection
• Digital PBX line protection
• Meets worldwide DC masks requirements
www.conexant.com
General Information:
U.S. and Canada: (800) 854-8099
International: (949) 483-6996
Headquarters – Newport Beach
4311 Jamboree Rd, P.O. Box C
Newport Beach, CA 92660-3095
Doc# PBR-200311
Conexant Product Portfolio
The company’s broad portfolio of semiconductor products also includes client-side DSL, cable, and dial-up modem solutions; fiber optic system-on-
chips; broadcast video encoders and decoders; digital set-top box components and systems solutions; and IEEE 802.11a/b/g/n-compliant WLAN
chipsets. Additional products include a complete line of asymmetric and symmetric DSL central office solutions, which are used by service providers
worldwide to deliver broadband data, voice, and video over copper telephone lines.


Similar Part No. - CX81801

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX81801 CONEXANT-CX81801 Datasheet
535Kb / 94P
   SmartV.XX Modem
CX81801-72 CONEXANT-CX81801-72 Datasheet
535Kb / 94P
   SmartV.XX Modem
CX81801-73 CONEXANT-CX81801-73 Datasheet
535Kb / 94P
   SmartV.XX Modem
CX81801-74 CONEXANT-CX81801-74 Datasheet
535Kb / 94P
   SmartV.XX Modem
CX81801-7X CONEXANT-CX81801-7X Datasheet
535Kb / 94P
   SmartV.XX Modem
More results

Similar Description - CX81801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
104460 PHOENIX-104460 Datasheet
285Kb / 9P
   PSI-MODEM-SHDSL/SERIAL
logo
Advantech Co., Ltd.
9PMDS ADVANTECH-9PMDS Datasheet
441Kb / 1P
   Serial Modem Data Splitters
logo
Cooper Bussmann, Inc.
915U-D COOPER-915U-D Datasheet
98Kb / 3P
   915U-D Wireless Serial Modem
805U-D COOPER-805U-D Datasheet
89Kb / 3P
   805U-D Wireless Serial Modem
logo
List of Unclassifed Man...
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
   2400bps Serial Input Component Modem
logo
Cooper Bussmann, Inc.
455U-D-H COOPER-455U-D-H Datasheet
365Kb / 3P
   455U-D Wireless Serial Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
   19200 baud serial wireless modem
logo
Murata Manufacturing Co...
ZN-241G MURATA-ZN-241G Datasheet
177Kb / 3P
   General Purpose Wireless Serial Modem
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
   SERIAL TO PARALLEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com