Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7093 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN7093
Description  High-Current PN Half-Bridge Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7093 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7093_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN7093_12 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7093 • Rev. 1.0.4
8
Protection Functions
The device provides several integrated protection
functions designed to prevent IC damage in fault
conditions. Fault conditions are considered as “outside”
the normal operating range. Protection functions are not
for continuous or repetitive operation, with the exception
of current-limit protection. In a fault condition, the
FAN7093 applies the highest slew rate possible,
independent of the connected slew rate resistor (RSR).
Over-voltage,
over-temperature,
and
over-current
situations are indicated by a fault current flag IIS(LIM) at
the IS pin. The following describes the protection
functions in order of priority. Over-voltage protection
overrides all other protections.
Over-Voltage Protection (OVP)
To ensure a high immunity against over-voltage
conditions like load dump, the device turns off the low-
side MOSFET and turns on the high-side MOSFET
when the supply voltage exceeds the over-voltage
protection level VOV(OFF). The control IC returns to
normal operation tlock=140 µs (Typ.) after the supply
voltage decreases below the over-voltage lockout level,
VOV(ON). In H-bridge configurations, this behavior leads to
freewheeling in the high side during over-voltage
condition. If the load current exceeds ICP in over-voltage
lockout, the IC turns off the high-side driver and latches
this state. See Table 1, which shows the condition of the
IS pin flag. This state can be reset (if the conditions no
longer exist) when /INH goes from HIGH to LOW to
HIGH again.
Under-Voltage Protection (UVP)
To avoid uncontrolled motion; for example, a driven
motor at low voltages; the control IC turns off all
MOSFETS when the supply voltage drops below the
turn-off voltage, VUV(OFF). The control IC resumes to
normal operation when the supply voltage rises above
the turn-on voltage VUV(ON). Notice that the IS pin does
NOT flag this fault condition.
Over-Temperature Protection (OTP)
The FAN7093 is protected against over-temperature by
an integrated temperature sensor in the control IC.
Over-temperature protection turns off both output
stages. This state is latched until the device is reset by a
LOW signal with a minimum pulse length of treset at the
/INH pin, assuming the control IC temperature
decreased by at least the thermal hysteresis. Repetitive
use of the over-temperature protection decreases
product life.
Current Limitation
The current is measured in both MOSFETS. As soon as
the current reaches the limit ICL, the low-side or high-
side MOSFET is deactivated and the other MOSFET
activated for tCLS. During that time, changes at the IN pin
are ignored. The /INH pin can still be used to turn off
both MOSFETs. After tCLS, the MOSFETS return to their
initial setting. The error signal at the IS pin is reset after
2 x tCLS. Unintentional triggering of the current-limit
circuitry through short current spikes (e.g. inflicted by
EMI coming from a motor) is suppressed by an internal
filter. Reaction delay of the filter circuitry affects the
current limit level ICL, depending on slew rate of the load
current dI/dt.
Figure 5.
Current Limitation Timing Diagram
(Inductive Load)
In combination with a typical inductive load, such as a
motor, this results in a switched-mode current limitation.
This method of limiting current has the advantage of
greatly reduced power dissipation compared to driving
the MOSFET in linear mode. Therefore, it is possible to
use the current limitation for a short time without
exceeding the maximum allowed junction temperature
(e.g. for limiting the inrush current during motor startup).
However, regular use of the current limitation is only
allowed as long as the specified maximum junction
temperature
is
not
exceeded.
Exceeding
this
temperature reduces the life of the device.
Short-Circuit Protection (SCP)
The device is short-circuit protected against:
Output Shorted to Ground
Output Shorted to Battery Voltage
Short-Circuit between the Load Connections
The short-circuit protection is a combination of current
limit and over-temperature shutdown of the device.


Similar Part No. - FAN7093_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093 Datasheet
1Mb / 19P
   High Current PN Half Bridge Rectifier 47 A, Max path resistance 30.5 m at 150 째C
More results

Similar Description - FAN7093_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8962TA INFINEON-BTN8962TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
   High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
   High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
   High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com