Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL7701 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FL7701
Description  2.4W LED Ballast Using FL7701
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL7701 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FL7701 Datasheet HTML 1Page - Fairchild Semiconductor FL7701 Datasheet HTML 2Page - Fairchild Semiconductor FL7701 Datasheet HTML 3Page - Fairchild Semiconductor FL7701 Datasheet HTML 4Page - Fairchild Semiconductor FL7701 Datasheet HTML 5Page - Fairchild Semiconductor FL7701 Datasheet HTML 6Page - Fairchild Semiconductor FL7701 Datasheet HTML 7Page - Fairchild Semiconductor FL7701 Datasheet HTML 8Page - Fairchild Semiconductor FL7701 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2012 Fairchild Semiconductor Corporation
3
FEBFL7701_L30U003A • Rev. 1.0.2
This user guide supports the Evaluation kit for the FL7701. It should be used in
conjunction with the FL7701 datasheet as well as Fairchild’s application notes and
technical support team. Please visit Fairchild’s website at www.fairchildsemi.com.
1.
Introduction
This document describes the proposed solution for a universal-input 2.4W LED ballast
using the FL7701. The input voltage range is 90VRMS – 265VRMS and there is one DC
output with a constant current of 85mA at 28VMAX. This document contains general
description of FL7701, the power supply specification, schematic, bill of materials, and
the typical operating characteristics.
1.1. General Description
The FL7701 LED lamp driver is a simple IC with PFC function. The special “adopted
digital” technique automatically detects input voltage condition and sends an internal
reference signal, resulting in high power factor. When an AC input voltage is applied to
the IC, the PFC function is automatically enabled. Otherwise, when a DC input is applied
to the IC, the PFC function is automatically disabled. The FL7701 does not require a bulk
capacitor (electrolytic capacitor) for supply rail stability, which can significantly affect
LED reliability.
1.2. Key Features
Digitally Implemented Active PFC Function
Built-in Self-Biasing HV Startup Circuit
Application Input Range: 80V
AC ~ 308VAC
AOCP Function with Auto-Restart Mode
Built-in Over-Temperature Protection
Cycle-by-Cycle Current Limit
Current-Sense Pin Open Protection
Low Operating Current: 0.85mA (Typical)
Under-Voltage Lockout with 5V Hysteresis
Programmable Oscillator Frequency
Programmable LED Current
Analog Dimming Function
Fixed Soft-Start Function
Precise Internal Reference: ±3%


Similar Part No. - FL7701

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7701 FAIRCHILD-FL7701 Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FL7701 FAIRCHILD-FL7701 Datasheet
2Mb / 24P
   2.4W LED Ballast Using FL7701
logo
ON Semiconductor
FL7701 ONSEMI-FL7701 Datasheet
2Mb / 15P
   Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
logo
Fairchild Semiconductor
FL7701MX FAIRCHILD-FL7701MX Datasheet
3Mb / 13P
   Smart LED Lamp Driver IC with PFC Function
logo
ON Semiconductor
FL7701MX ONSEMI-FL7701MX Datasheet
2Mb / 15P
   Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
More results

Similar Description - FL7701

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEBFL7701 FAIRCHILD-FEBFL7701 Datasheet
2Mb / 24P
   2.4W LED Ballast Using FL7701
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
logo
STMicroelectronics
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
   Electronic ballast with active PFC using
logo
Fairchild Semiconductor
AN-7701 FAIRCHILD-AN-7701 Datasheet
276Kb / 3P
   FL7701 Design Tool Flow
logo
STMicroelectronics
AN993 STMICROELECTRONICS-AN993 Datasheet
1Mb / 27P
   Electronic ballast with PFC using L6574 and L6561
logo
International Rectifier
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
   Universal Input Linear Fluorescent Ballast using the IR2167
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
Power Integrations, Inc...
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
   LED Driver & Ballast Surge Protectors, Enhanced
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com