Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL94203IRTZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL94203IRTZ-T7
Description  3-to-8 Cell Li-ion Battery Pack Monitor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL94203IRTZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL94203IRTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
ISL94203
4
FN7626.2
December 5, 2012
42
DFET
Discharge FET Control. The ISL94203 controls the gate of a discharge FET through this pin. The power FET is an N-Channel
device. The FET is turned on by the ISL94203 if all conditions are acceptable. The ISL94203 will turn off the FET in the event
of an out of bounds condition. The FET can be turned off by an external microcontroller by writing to the CFET control bit.
The CFET output is also turned off by the FETSOFF pin. The FET output cannot be turned on by an external microcontroller
if there are any out of bounds conditions.
43
VDD
IC Supply Pin. This pin provides the operating voltage for the IC circuitry.
44
PCFET
Precharge FET Control. The ISL94203 controls the gate of a precharge FET through this pin. The power FET is an N-Channel
device. The FET is turned on by the ISL94203 if all conditions are acceptable. The ISL94203 will turn off the FET in the event
of an out of bounds condition. The FET can be turned off by an external microcontroller by writing to the PCFET control bit.
The PCFET output is also turned off by the FETSOFF pin. The FET output cannot be turned on by an external microcontroller
if there are any out of bounds conditions. Either the PCFET or the CFET turn on, but not both.
45
CFET
Charge FET Control. The ISL94203 controls the gate of a charge FET through this pin. The power FET is an N-Channel device.
The FET is turned on by the ISL94203 if all conditions are acceptable. The ISL94203 will turn off the FET in the event of an
out of bounds condition. The FET can be turned off by an external microcontroller by writing to the CFET control bit. The CFET
output is also turned off by the FETSOFF pin. The FET output cannot be turned on by an external microcontroller if there are
any out of bounds conditions. Either the PCFET or the CFET turn on, but not both.
46, 47
CSI2, CSI1 Current Sense Inputs. These pins connect to the ISL94203 current sense circuit. There is an external resistance across
which the circuit operates. The sense resistor is typically in the range of 0.2m
Ω to 5mΩ.
48
VBATT
Battery pack voltage input. This pin is used to monitor the voltage of the battery stack. The voltage is internally divided by
32 and connected to an ADC converter through a MUX.
PAD
GND
Thermal Pad. This pad should connect to ground.
Pin Descriptions (Continued)
PIN
NUMBER
SYMBOL
DESCRIPTION


Similar Part No. - ISL94203IRTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94203IRTZ-T7 INTERSIL-ISL94203IRTZ-T7 Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
ISL94203IRTZ-T7 RENESAS-ISL94203IRTZ-T7 Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
ISL94203IRTZ-T7A RENESAS-ISL94203IRTZ-T7A Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
More results

Similar Description - ISL94203IRTZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
ISL94202 RENESAS-ISL94202_V01 Datasheet
1Mb / 153P
   Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
ISL94202 RENESAS-ISL94202 Datasheet
3Mb / 89P
   Series Charge/Discharge Path 3-to-8 Cell Li-Ion Battery Pack Monitor
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
UB244A UTC-UB244A_17 Datasheet
221Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com