Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33163DWR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33163DWR2
Description  3.4 A, Step-Up/Down/ Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33163DWR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33163DWR2 Datasheet HTML 7Page - ON Semiconductor MC33163DWR2 Datasheet HTML 8Page - ON Semiconductor MC33163DWR2 Datasheet HTML 9Page - ON Semiconductor MC33163DWR2 Datasheet HTML 10Page - ON Semiconductor MC33163DWR2 Datasheet HTML 11Page - ON Semiconductor MC33163DWR2 Datasheet HTML 12Page - ON Semiconductor MC33163DWR2 Datasheet HTML 13Page - ON Semiconductor MC33163DWR2 Datasheet HTML 14Page - ON Semiconductor MC33163DWR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC34163, MC33163
http://onsemi.com
11
180
mH
Coilcraft
LO451-A
LVI
1
+
+
-
+
Current
Limit
8
7
6
5
4
3
2
(Bottom View)
+
+
-
16
9
10
11
12
13
14
15
0.25 V
RSC
0.075
Vin
12 V
CT
680 pF
1.125 V
15 k
1.25 V
+
45 k
Feedback
Comparator
Q1
Q2
60
Cin
330
CO
330
Vout
28 V/600 mA
+
1N5822
R2
47 k
R1
2.2 k
+
-
+
Thermal
Oscillator
R
S
Q
Latch
+
+
+
2.0 mA
7.0 V
+
RLVI
1.0 k
L
Low Voltage
Indicator
Output
Test
Condition
Results
Line Regulation
Vin = 9.0 V to 16 V, IO = 0.6 A
30 mV = ± 0.05%
Load Regulation
Vin = 12 V, IO = 0.1 A to 0.6 A
50 mV = ± 0.09%
Output Ripple
Vin = 12 V, IO = 0.6 A
140 mVpp
Efficiency
Vin = 12 V, IO = 0.6 A
88.1%
Figure 23. Step−Up Converter
Figure 24. External Current Boost Connections for Ipk (Switch) Greater Than 3.4 A
Figure 24A. External NPN Switch
Figure 24B. External NPN Saturated Switch
1
+
+
8
7
6
5
4
3
2
(Bottom View)
16
9
10
11
12
13
14
15
Q3
Q2
Q1
1
+
+
8
7
6
5
4
3
2
(Bottom View)
16
9
10
11
12
13
14
15
Q3
Q2
Q1
+
+


Similar Part No. - MC33163DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33163DWR2 ONSEMI-MC33163DWR2 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC33163DWR2G ONSEMI-MC33163DWR2G Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
More results

Similar Description - MC33163DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com