Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33163P Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33163P
Description  3.4 A, Step-Up/Down/ Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33163P Datasheet(HTML) 5 Page - ON Semiconductor

  MC33163P Datasheet HTML 1Page - ON Semiconductor MC33163P Datasheet HTML 2Page - ON Semiconductor MC33163P Datasheet HTML 3Page - ON Semiconductor MC33163P Datasheet HTML 4Page - ON Semiconductor MC33163P Datasheet HTML 5Page - ON Semiconductor MC33163P Datasheet HTML 6Page - ON Semiconductor MC33163P Datasheet HTML 7Page - ON Semiconductor MC33163P Datasheet HTML 8Page - ON Semiconductor MC33163P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC34163, MC33163
http://onsemi.com
5
0
-0.4
0
0.8
2.4
3.2
IE, EMITTER CURRENT (A)
-0.8
-1.2
-1.6
-2.0
1.2
1.0
IC, COLLECTOR CURRENT (A)
0.8
0.6
0.4
0.2
0
GND
1.6
Bootstrapped, Pin 16 = VCC + 5.0 V
Non-Bootstrapped, Pin 16 = VCC
VCC
0
0.8
2.4
3.2
1.6
Figure 8. Output Switch Source Saturation
versus Emitter Current
Figure 9. Output Switch Sink Saturation
versus Collector Current
Darlington, Pins 9, 10, 11 Connected
Grounded Emitter Configuration
Collector Sinking Current From VCC
Pins 7, 8 = VCC = 15 V
Pins 4, 5, 12, 13, 14, 15 = GND
TA = 25°C, (Note 2)
Saturated Switch, RPin9 = 110 W to VCC
Darlington Configuration
Emitter Sourcing Current to GND
Pins 7, 8, 10, 11 = VCC
Pins 4, 5, 12, 13 = GND
TA = 25°C, (Note 2)
Figure 10. Output Switch Negative Emitter
Voltage versus Temperature
Figure 11. Low Voltage Indicator Output Sink
Saturation Voltage versus Sink Current
Figure 12. Current Limit Comparator Threshold
Voltage versus Temperature
Figure 13. Current Limit Comparator Input Bias
Current versus Temperature
254
252
250
248
246
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
1.6
1.4
1.2
1.0
0.8
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
0.6
0
-0.4
-0.8
-1.2
-1.6
-2.0
-55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
IC = 10 mA
0.5
0.4
0
2.0
4.0
6.0
8.0
Isink, OUTPUT SINK CURRENT (mA)
0.3
0.2
0.1
0
VCC =5 V
TA =25°C
GND
VCC = 15 V
VCC = 15 V
VIpk (Sense) = 15 V
IC = 10 mA
VCC = 15 V
Pins 7, 8, 9, 10, 16 = VCC
Pins 4, 6 = GND
Pin 14 Driven Negative


Similar Part No. - MC33163P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33163P ONSEMI-MC33163P Datasheet
397Kb / 16P
   POWER SWITCHING REGULATORS
REV 2
MC33163P ONSEMI-MC33163P Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC33163PG ONSEMI-MC33163PG Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
More results

Similar Description - MC33163P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com