Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON4803 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON4803
Description  20V Dual P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON4803 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON4803_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4803_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4803_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4803_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON4803_12 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AON4803
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
VDS=-20V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-0.4
-0.65
-1
V
ID(ON)
-15
A
65
90
TJ=125°C
90
125
80
120
m
100
165
m
gFS
12
S
VSD
-0.7
-1
V
IS
-2
A
Ciss
560
745
pF
Coss
80
pF
Crss
70
pF
Rg
15
23
Qg
6.1
8
nC
Qgs
0.6
nC
Qgd
1.6
nC
tD(on)
10
ns
t
12
ns
Reverse Transfer Capacitance
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VGS=-4.5V, ID=-3.4A
Forward Transconductance
Diode Forward Voltage
IS=-1A,VGS=0V
VDS=-5V, ID=-3.4A
VGS=-1.8V, ID=-1.5A
VGS=-2.5V, ID=-2.5A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS ID=-250µA
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-3.4A
Gate Source Charge
Gate Drain Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=-4.5V, V =-10V, R =2.9
Ω,
tr
12
ns
tD(off)
44
ns
tf
22
ns
trr
21
ns
Qrr
7.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
IF=-3.4A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=-3.4A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=2.9Ω,
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 2: July 2012
www.aosmd.com
Page 2 of 5


Similar Part No. - AON4803_12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4803 AOSMD-AON4803 Datasheet
189Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AON4803_12

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
   20V Dual P-Channel MOSFET
SSF2841 GOOD-ARK-SSF2841 Datasheet
431Kb / 4P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6981D TSC-TSM6981D Datasheet
405Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
   20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
   20V Dual P-Channel MOSFET
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3_15 Datasheet
733Kb / 6P
   20V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com