Electronic Components Datasheet Search |
|
NCL30083 Datasheet(PDF) 4 Page - ON Semiconductor |
|
NCL30083 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 34 page NCL30083 http://onsemi.com 4 Table 2. MAXIMUM RATINGS TABLE Symbol Rating Value Unit VCC(MAX) ICC(MAX) Maximum Power Supply voltage, VCC pin, continuous voltage Maximum current for VCC pin −0.3, +35 Internally limited V mA VDRV(MAX) IDRV(MAX) Maximum driver pin voltage, DRV pin, continuous voltage Maximum current for DRV pin −0.3, VDRV (Note 1) −500, +800 V mA VMAX IMAX Maximum voltage on low power pins (except pins ZCD, SS, DRV and VCC) Current range for low power pins (except pins ZCD, DRV and VCC) −0.3, +5.5 −2, +5 V mA VZCD(MAX) IZCD(MAX) Maximum voltage for ZCD pin Maximum current for ZCD pin −0.3, +10 −2, +5 V mA VSST(MAX) Maximum voltage for SS pin −0.3, +10 V RθJ−A Thermal Resistance, Junction−to−Air 289 °C/W TJ(MAX) Maximum Junction Temperature 150 °C Operating Temperature Range −40 to +125 °C Storage Temperature Range −60 to +150 °C ESD Capability, HBM model (Note 2) 4 kV ESD Capability, MM model (Note 2) 200 V Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. VDRV is the DRV clamp voltage VDRV(high) when VCC is higher than VDRV(high). VDRV is VCC unless otherwise noted. 2. This device series contains ESD protection and exceeds the following tests: Human Body Model 4000 V per Mil−Std−883, Method 3015. 3. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78 except for VIN pin which passes 60 mA. |
Similar Part No. - NCL30083 |
|
Similar Description - NCL30083 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |